Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 162 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 162 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 158Page - Microchip Technology LAN89730 Datasheet HTML 159Page - Microchip Technology LAN89730 Datasheet HTML 160Page - Microchip Technology LAN89730 Datasheet HTML 161Page - Microchip Technology LAN89730 Datasheet HTML 162Page - Microchip Technology LAN89730 Datasheet HTML 163Page - Microchip Technology LAN89730 Datasheet HTML 164Page - Microchip Technology LAN89730 Datasheet HTML 165Page - Microchip Technology LAN89730 Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 218 page
background image
LAN89730
DS60001348A-page 162
 2013-2015 Microchip Technology Inc.
15
Hash Only Filtering mode (HO)
When set, the address check function operates in the imperfect address filter-
ing mode both for physical and multicast addresses.
R/W
0b
14
RESERVED
RO
-
13
Hash/Perfect Filtering Mode (HPFILT)
When reset (‘0’), the device will implement a perfect address filter on incoming
frames, according the address specified in the MAC address register.
When set (‘1’), the address check function does imperfect address filtering of
multicast incoming frames according to the hash table specified in the multi-
cast hash table register.
If the Hash Only Filtering mode (HO) bit is set (‘1’), then the physical
addresses (IA) are imperfect filtered too. If the Hash Only Filtering mode (HO)
bit is reset (‘0’), then the IA addresses are perfect address filtered according
to the MAC Address register.
R/W
0b
12
Late Collision Control (LCOLL)
When set, enables retransmission of the collided frame even after the collision
period (late collision). When reset, the MAC disables frame transmission on a
late collision. In any case, the Late Collision status is appropriately updated in
the Transmit Packet status.
R/W
0b
11
Disable Broadcast Frames (BCAST)
When set, disables the reception of broadcast frames. When reset, forwards
all broadcast frames to the application.
Note:
When Wakeup Frame detection is enabled via the Wakeup Frame
Enable (WUEN) bit of the Wakeup Control and Status Register
(WUCSR), a broadcast Wakeup Frame will wake up the device
despite the state of this bit.
R/W
0b
10
Disable Retry (DISRTY)
When set, the MAC attempts only one transmission. When a collision is seen
on the bus, the MAC ignores the current frame and goes to the next frame and
a retry error is reported in the Transmit status. When reset, the MAC attempts
16 transmissions before signaling a retry error.
R/W
0b
9
RESERVED
RO
-
8
Automatic Pad Stripping (PADSTR)
When set, the MAC strips the pad field on all incoming frames if the length
field is less than 46 bytes. The FCS field is also stripped, since it is computed
at the transmitting station based on the data and pad field characters, and is
invalid for a received frame that has had the pad characters stripped. Receive
frames with a 46-byte or greater length field are passed to the application
unmodified (FCS is not stripped). When reset, the MAC passes all incoming
frames to system memory unmodified.
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com