Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 166 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 166 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 162Page - Microchip Technology LAN89730 Datasheet HTML 163Page - Microchip Technology LAN89730 Datasheet HTML 164Page - Microchip Technology LAN89730 Datasheet HTML 165Page - Microchip Technology LAN89730 Datasheet HTML 166Page - Microchip Technology LAN89730 Datasheet HTML 167Page - Microchip Technology LAN89730 Datasheet HTML 168Page - Microchip Technology LAN89730 Datasheet HTML 169Page - Microchip Technology LAN89730 Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 218 page
background image
LAN89730
DS60001348A-page 166
 2013-2015 Microchip Technology Inc.
6.4.3
MAC ADDRESS LOW REGISTER (ADDRL)
This register contains the lower 32 bits of the physical address of the MAC, where ADDRL[7:0] is the first octet of the
Ethernet frame.
Table 6-5 illustrates the byte ordering of the ADDRL and ADDRH registers with respect to the reception of the Ethernet
physical address.
As an example, if the desired Ethernet physical address is 12-34-56-78-9A-BC, the ADDRL and ADDRH registers would
be programmed as shown in Figure 6-1.
Address:
108h
Size:
32 bits
Note:
This register is protected by Reset Protection (RST_PROTECT).
Bits
Description
Type
Default
31:0
Physical Address [31:0]
This field contains the lower 32 bits (31:0) of the Physical Address of this MAC
device.
R/W
FFFF_FFFFh
TABLE 6-5:
ADDRL, ADDRH BYTE ORDERING
ADDRL, ADDRH
Order of Reception on Ethernet
ADDRL[7:0]
1st
ADDRL[15:8]
2nd
ADDRL[23:16]
3rd
ADDRL[31:24]
4th
ADDRH[7:0]
5th
ADDRH[15:8]
6th
FIGURE 6-1:
EXAMPLE ADDRL, ADDRH ADDRESS ORDERING
0x12
0
7
0x34
8
15
0x56
16
23
0x78
24
31
ADDRL
0x9A
0
7
0xBC
8
15
ADDRH
xx
16
23
xx
24
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com