Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 163 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 163 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 159Page - Microchip Technology LAN89730 Datasheet HTML 160Page - Microchip Technology LAN89730 Datasheet HTML 161Page - Microchip Technology LAN89730 Datasheet HTML 162Page - Microchip Technology LAN89730 Datasheet HTML 163Page - Microchip Technology LAN89730 Datasheet HTML 164Page - Microchip Technology LAN89730 Datasheet HTML 165Page - Microchip Technology LAN89730 Datasheet HTML 166Page - Microchip Technology LAN89730 Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 163
LAN89730
7:6
BackOff Limit (BOLMT)
The BOLMT bits allow the user to set its back-off limit in a relaxed or aggres-
sive mode. According to IEEE 802.3, the MAC has to wait for a random num-
ber [r] of slot-times (Note 6-13) after it detects a collision, where:
(eq.1)0 < r < 2K
The exponent K is dependent on how many times the current frame to be
transmitted has been retried, as follows:
(eq.2)K = min (n, 10) where n is the current number of retries.
If a frame has been retried three times, then K = 3 and r = 8 slot-times maxi-
mum. If it has been retried 12 times, then K = 10 and r = 1024 slot-times max-
imum.
An LFSR (linear feedback shift register) 20-bit counter emulates a 20-bit ran-
dom number generator, from which r is obtained. Once a collision is detected,
the number of the current retry of the current frame is used to obtain K (eq.2).
This value of K translates into the number of bits to use from the LFSR
counter. If the value of K is 3, the MAC takes the value in the first three bits of
the LFSR counter and uses it to count down to zero on every slot-time. This
effectively causes the MAC to wait eight slot-times. To give the user more flex-
ibility, the BOLMT value forces the number of bits to be used from the LFSR
counter to a predetermined value as in the table below.
Thus, if the value of K = 10, the MAC will look at the BOLMT if it is 00, then use the
lower ten bits of the LFSR counter for the wait countdown. If the BOLMT is 10, then it
will only use the value in the first four bits for the wait countdown, etc.
Note 6-13
Slot-time = 512 bit times. (See IEEE 802.3 Spec., Sections
4.2.3.25 and 4.4.2.1)
R/W
00b
5
Deferral Check (DFCHK)
When set, enables the deferral check in the MAC. The MAC will abort the
transmission attempt if it has deferred for more than 24,288 bit times. Deferral
starts when the transmitter is ready to transmit, but is prevented from doing so
because the CRS is active. Defer time is not cumulative. If the transmitter
defers for 10,000 bit times, then transmits, collides, backs off, and then has to
defer again after completion of back-off, the deferral timer resets to 0 and
restarts. When reset, the deferral check is disabled in the MAC and the MAC
defers indefinitely.
R/W
0b
4
RESERVED
RO
-
3
Transmitter Enable (TXEN)
When set, the MAC’s transmitter is enabled and it will transmit frames from
the buffer onto the cable. When reset, the MAC’s transmitter is disabled and
will not transmit any frames.
R/W
0b
2
Receiver Enable (RXEN)
When set (‘1’), the MAC’s receiver is enabled and will receive frames from the
internal PHY. When reset, the MAC’s receiver is disabled and will not receive
any frames from the internal PHY.
R/W
0b
Bits
Description
Type
Default
BOLMT Value
# Bits Used from LFSR Counter
00
10
01
8
10
4
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com