Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 161 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 161 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 157Page - Microchip Technology LAN89730 Datasheet HTML 158Page - Microchip Technology LAN89730 Datasheet HTML 159Page - Microchip Technology LAN89730 Datasheet HTML 160Page - Microchip Technology LAN89730 Datasheet HTML 161Page - Microchip Technology LAN89730 Datasheet HTML 162Page - Microchip Technology LAN89730 Datasheet HTML 163Page - Microchip Technology LAN89730 Datasheet HTML 164Page - Microchip Technology LAN89730 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 161
LAN89730
6.4.1
MAC CONTROL REGISTER (MAC_CR)
This register establishes the RX and TX operating modes and includes controls for address filtering and packet filtering.
Address:
100h
Size:
32 bits
Bits
Description
Type
Default
31
Receive All Mode (RXALL)
When set, all incoming packets will be received and passed on to the address
filtering function for processing of the selected filtering mode on the received
frame. Address filtering then occurs and is reported in Receive Status. When
reset, only frames that pass Destination Address filtering will be sent to the
application.
R/W
0b
30:24
RESERVED
RO
-
23
Disable Receive Own (RCVOWN)
When set, the MAC disables the reception of frames when TXEN is asserted.
The MAC blocks the transmitted frame on the receive path. When reset, the
MAC receives all packets the PHY gives, including those transmitted by the
MAC.This bit should be reset when the full-duplex mode bit is set.
R/W
0b
22
RESERVED
RO
-
21
Loopback Operation Mode (LOOPBK)
Selects the loop back operation modes for the MAC. This is only for full-
duplex mode.
0 = Normal. No feedback
1 = Internal through MII
In internal loopback mode, the TX frame is received by the Internal MII inter-
face and sent back to the MAC without being sent to the PHY.
Note:
When enabling or disabling the loopback mode, it can take up to
10 µs for the mode change to occur. The transmitter and receiver
must be stopped and disabled when modifying the LOOPBK bit.
The transmitter or receiver should not be enabled within 10 µs of
modifying the LOOPBK bit.
R/W
0b
20
Full Duplex Mode (FDPX)
When set, the MAC operates in full-duplex mode, in which it can transmit and
receive simultaneously.
R/W
0b
19
Pass All Multicast (MCPAS)
When set, indicates that all incoming frames with a Multicast destination
address (first bit in the destination address field is ‘1’) are received. Incoming
frames with physical address (Individual Address/Unicast) destinations are fil-
tered and received only if the address matches the MAC Address.
R/W
0b
18
Promiscuous Mode (PRMS)
When set, indicates that any incoming frame is received regardless of its des-
tination address.
R/W
1b
17
Inverse Filtering (INVFILT)
When set, the address check function operates in Inverse Filtering mode. This
is valid only during Perfect Filtering mode.
R/W
0b
16
Pass Bad Frames (PASSBAD)
When set, all incoming frames that passed address filtering are received,
including runt frames, collided frames or truncated frames caused by buffer
underrun.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com