Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 160 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 160 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 156Page - Microchip Technology LAN89730 Datasheet HTML 157Page - Microchip Technology LAN89730 Datasheet HTML 158Page - Microchip Technology LAN89730 Datasheet HTML 159Page - Microchip Technology LAN89730 Datasheet HTML 160Page - Microchip Technology LAN89730 Datasheet HTML 161Page - Microchip Technology LAN89730 Datasheet HTML 162Page - Microchip Technology LAN89730 Datasheet HTML 163Page - Microchip Technology LAN89730 Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 218 page
background image
LAN89730
DS60001348A-page 160
 2013-2015 Microchip Technology Inc.
6.4
MAC Control and Status Registers
Table 6-4 lists the registers contained in this section.
TABLE 6-4:
MAC CONTROL AND STATUS REGISTER (MCSR) MAP
Address
Register Name
100h
MAC Control Register (MAC_CR)
104h
MAC Address High Register (ADDRH)
108h
MAC Address Low Register (ADDRL)
10Ch
Multicast Hash Table High Register (HASHH)
110h
Multicast Hash Table Low Register (HASHL)
114h
MII Access Register (MII_ACCESS)
118h
MII Data Register (MII_DATA)
11Ch
Flow Control Register (FLOW)
120h
VLAN1 Tag Register (VLAN1)
124h
VLAN2 Tag Register (VLAN2)
128h
Wakeup Frame Filter (WUFF)
12Ch
Wakeup Control and Status Register (WUCSR)
130h
Checksum Offload Engine Control Register (COE_CR)
134h - 1FCh
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com