Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 187 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 187 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 183Page - Microchip Technology LAN89730 Datasheet HTML 184Page - Microchip Technology LAN89730 Datasheet HTML 185Page - Microchip Technology LAN89730 Datasheet HTML 186Page - Microchip Technology LAN89730 Datasheet HTML 187Page - Microchip Technology LAN89730 Datasheet HTML 188Page - Microchip Technology LAN89730 Datasheet HTML 189Page - Microchip Technology LAN89730 Datasheet HTML 190Page - Microchip Technology LAN89730 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 187
LAN89730
6.5.10
SPECIAL MODES REGISTER
Index (In Decimal):
18
Size:
16 bits
Bits
Description
Type
Default
15:8
RESERVED
RO
-
7:5
MODE
PHY Mode of operation. Refer to Table 6-7 for more details.
R/W
NASR
111b
4:0
PHYADD
PHY Address. The PHY Address is used for the SMI address.
R/W
NASR
00001b
TABLE 6-7:
MODE CONTROL
MODE
Mode Definitions
Default Register Bit Values
Register 0
Register 4
[13,12,8]
[8,7,6,5]
000b
10BASE-T half duplex. Auto-negotiation disabled.
000
N/A
001b
10BASE-T full duplex. Auto-negotiation disabled.
001
N/A
010b
100BASE-TX half duplex. Auto-negotiation disabled.
CRS is active during Transmit & Receive.
100
N/A
011b
100BASE-TX full duplex. Auto-negotiation disabled.
CRS is active during Receive.
101
N/A
100b
100BASE-TX half duplex is advertised. Auto-negoti-
ation enabled. CRS is active during Transmit &
Receive.
110
0100
101b
Repeater mode. Auto-negotiation enabled.
100BASE-TX half duplex is advertised. CRS is
active during Receive.
110
0100
110b
RESERVED - Do not set the device in this mode.
N/A
N/A
111b
All capable. Auto-negotiation enabled.
X1X
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com