Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 185 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 185 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 181Page - Microchip Technology LAN89730 Datasheet HTML 182Page - Microchip Technology LAN89730 Datasheet HTML 183Page - Microchip Technology LAN89730 Datasheet HTML 184Page - Microchip Technology LAN89730 Datasheet HTML 185Page - Microchip Technology LAN89730 Datasheet HTML 186Page - Microchip Technology LAN89730 Datasheet HTML 187Page - Microchip Technology LAN89730 Datasheet HTML 188Page - Microchip Technology LAN89730 Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 185
LAN89730
6.5.8
EDPD NLP/CROSSOVER TIMEREGISTER
Index (In Decimal):
16
Size:
16 bits
Bits
Description
Type
Default
15
EDPD TX NLP Enable
When in Energy Detect Power-Down (EDPD) mode (EDPWRDOWN=1), this
bit enables the transmission of single TX NLPs at the interval defined by the
EDPD TX NLP Interval Timer Select field.
0 = TX NLP disabled
1 = TX NLP enabled when in EDPD mode
R/W
NASR
0b
14:13
EDPD TX NLP Interval Timer Select
When in Energy Detect Power-Down (EDPD) mode (EDPWRDOWN=1) and
EDPD TX NLP Enable is 1, this field defines the interval used to send single
TX NLPs.
00 = 1 second (default)
01 = 768 ms
10 = 512 ms
11 = 256 ms
R/W
NASR
00b
12
EDPD RX Single NLP Wake Enable
When in Energy Detect Power-Down (EDPD) mode (EDPWRDOWN=1), this
bit enables waking the PHY on reception of a single RX NLP.
0 = RX NLP wake disabled
1 = TX NLP wake enabled when in EDPD mode
R/W
NASR
0b
11:10
EDPD RX NLP Max Interval Detect Select
When in Energy Detect Power-Down (EDPD) mode (EDPWRDOWN=1) and
EDPD RX Single NLP Wake Enable is 0, this field defines the maximum inter-
val for detecting two RX NLPs to wake from EDPD mode.
00 = 64 ms (default)
01 = 256 ms
10 = 512 ms
11 = 1 second
R/W
NASR
00b
9:2
RESERVED
RO
-
1
EDPD Extend Crossover
When in Energy Detect Power-Down (EDPD) mode (EDPWRDOWN = 1), set-
ting this bit to 1 extends the crossover time by 2976 ms.
0 = Crossover time extension disabled
1 = Crossover time extension enabled (2976 ms)
R/W
NASR
0b
0
Extend Manual 10/100 Auto-MDIX Crossover Time
When Auto-MIDX is enabled and the PHY is in manual 10BASE-T or
100BASE-TX mode, setting this bit to 1 extends the crossover time by
1984 ms to allow linking to an auto-negotiation link partner PHY.
0 = Crossover time extension disabled
1 = Crossover time extension enabled (1984 ms)
R/W
NASR
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com