Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 182 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 182 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 178Page - Microchip Technology LAN89730 Datasheet HTML 179Page - Microchip Technology LAN89730 Datasheet HTML 180Page - Microchip Technology LAN89730 Datasheet HTML 181Page - Microchip Technology LAN89730 Datasheet HTML 182Page - Microchip Technology LAN89730 Datasheet HTML 183Page - Microchip Technology LAN89730 Datasheet HTML 184Page - Microchip Technology LAN89730 Datasheet HTML 185Page - Microchip Technology LAN89730 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 218 page
background image
LAN89730
DS60001348A-page 182
 2013-2015 Microchip Technology Inc.
6.5.5
AUTO NEGOTIATION ADVERTISEMENT REGISTER
Index (In Decimal):
4
Size:
16 bits
Bits
Description
Type
Default
15:14
RESERVED
RO
-
13
Remote Fault
0 = No remote fault
1 = Remote fault detected
R/W
0b
12
RESERVED
RO
-
11:10
Pause Operation
00 = No PAUSE
01 = Symmetric PAUSE
10 = Asymmetric PAUSE toward link partner
11 = Advertise support for both Symmetric PAUSE and Asymmetric PAUSE
toward local device
Note:
When both Symmetric PAUSE and Asymmetric PAUSE are set, the
device will only be configured to, at most, one of the two settings
upon autonegotiation completion.
R/W
00b
9
RESERVED
RO
-
8
100BASE-TX Full Duplex
0 = No TX full-duplex ability
1 = TX with full-duplex ability
R/W
1b
7
100BASE-TX
0 = No TX ability
1 = TX able
R/W
1b
6
10BASE-T Full Duplex
0 = No 10 Mbps with full-duplex ability
1 = 10 Mbps with full-duplex ability
R/W
1b
5
10BASE-T
0 = No 10 Mbps ability
1 = 10 Mbps able
R/W
1b
4:0
Selector Field
00001 = IEEE 802.3
R/W
00001b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com