Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 178 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 178 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 174Page - Microchip Technology LAN89730 Datasheet HTML 175Page - Microchip Technology LAN89730 Datasheet HTML 176Page - Microchip Technology LAN89730 Datasheet HTML 177Page - Microchip Technology LAN89730 Datasheet HTML 178Page - Microchip Technology LAN89730 Datasheet HTML 179Page - Microchip Technology LAN89730 Datasheet HTML 180Page - Microchip Technology LAN89730 Datasheet HTML 181Page - Microchip Technology LAN89730 Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 218 page
background image
LAN89730
DS60001348A-page 178
 2013-2015 Microchip Technology Inc.
6.5.1
BASIC CONTROL REGISTER
Index (In Decimal):
0
Size:
16 bits
Bits
Description
Type
Default
15
PHY Soft Reset
1 = PHY software reset. Bit is self-clearing. When setting this bit do not set
other bits in this register.
Note:
The PHY will be in the normal mode after a PHY software reset.
R/W
SC
0b
14
Loopback
0 = Normal operation
1 = Loopback mode
R/W
0b
13
Speed Select
0 = 10 Mbps
1 = 100 Mbps
Note:
Ignored if Auto Negotiation is enabled (0.12 = 1).
R/W
1b
12
Auto-Negotiation Enable
0 = Disable auto-negotiate process
1 = Enable auto-negotiate process (overrides 0.13 and 0.8)
R/W
1b
11
Power Down
0 = Normal operation
1 = General power down mode
Note:
The Auto-Negotiation Enable must be cleared before setting the
Power Down.
R/W
0b
10
RESERVED
RO
-
9
Restart Auto-Negotiate
0 = Normal operation
1 = Restart auto-negotiate process
Note:
Bit is self-clearing.
R/W
SC
0b
8
Duplex Mode
0 = Half duplex
1 = Full duplex
Note:
Ignored if Auto Negotiation is enabled (0.12 = 1).
R/W
0b
7
Collision Test
0 = Disable COL test
1 = Enable COL test
R/W
0b
6:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com