Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 176 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 176 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 172Page - Microchip Technology LAN89730 Datasheet HTML 173Page - Microchip Technology LAN89730 Datasheet HTML 174Page - Microchip Technology LAN89730 Datasheet HTML 175Page - Microchip Technology LAN89730 Datasheet HTML 176Page - Microchip Technology LAN89730 Datasheet HTML 177Page - Microchip Technology LAN89730 Datasheet HTML 178Page - Microchip Technology LAN89730 Datasheet HTML 179Page - Microchip Technology LAN89730 Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 218 page
background image
LAN89730
DS60001348A-page 176
 2013-2015 Microchip Technology Inc.
6.4.13
CHECKSUM OFFLOAD ENGINE CONTROL REGISTER (COE_CR)
This register controls the RX and TX checksum offload engines.
Address:
130h
Size:
32 bits
Bits
Description
Type
Default
31:17
RESERVED
RO
-
16
TX Checksum Offload Engine Enable (TX_COE_EN)
TX_COE_EN may only be changed if the TX path is disabled. If it is desired to
change this value during run time, it is safe to do so only after the MAC is dis-
abled and the TLI is empty.
0 = The TXCOE is bypassed.
1 = The TXCOE is enabled.
R/W
0b
15:2
RESERVED
RO
-
1
RX Checksum Offload Engine Mode (RX_COE_MODE)
This register indicates whether the COE will check for VLAN tags or a SNAP
header prior to beginning its checksum calculation. In its default mode, the
calculation will always begin 14 bytes into the frame.
RX_COE_MODE may only be changed if the RX path is disabled. If it is
desired to change this value during run time, it is safe to do so only after the
MAC is disabled and the TLI is empty.
0 = Begin checksum calculation after first 14 bytes of Ethernet Frame.
1 = Begin checksum calculation at start of L3 packet by adjusting for VLAN
tags and/or SNAP header.
R/W
0b
0
RX Checksum Offload Engine Enable (RX_COE_EN)
RX_COE_EN may only be changed if the RX path is disabled. If it is desired
to change this value during run time, it is safe to do so only after the MAC is
disabled and the TLI is empty.
0 = The RXCOE is bypassed.
1 = The RXCOE is enabled.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com