Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 174 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 174 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 170Page - Microchip Technology LAN89730 Datasheet HTML 171Page - Microchip Technology LAN89730 Datasheet HTML 172Page - Microchip Technology LAN89730 Datasheet HTML 173Page - Microchip Technology LAN89730 Datasheet HTML 174Page - Microchip Technology LAN89730 Datasheet HTML 175Page - Microchip Technology LAN89730 Datasheet HTML 176Page - Microchip Technology LAN89730 Datasheet HTML 177Page - Microchip Technology LAN89730 Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 218 page
background image
LAN89730
DS60001348A-page 174
 2013-2015 Microchip Technology Inc.
6.4.11
WAKEUP FRAME FILTER (WUFF)
This register is used to configure the Wakeup Frame Filter.
Address:
128h
Size:
32 bits
Bits
Description
Type
Default
31:0
Wakeup Frame Filter (WFF)
The Wakeup Frame Filter is configured through this register using an indexing
mechanism. Following a reset, the MAC loads the first value written to this
location to the first DWORD in the Wakeup Frame Filter (Filter 0 Byte Mask 0).
The second value written to this location is loaded to the second DWORD in
the Wakeup Frame Filter (Filter 0 Byte Mask 1) and so on. Once 40 DWORDs
(8 filters) have been written, the internal pointer will once again point to the
first entry and the filter entries can be modified in the same manner. Similarly,
40 DWORDS (8 filters) can be read sequentially to obtain the values stored in
the WFF. Refer to Section 4.5.5, "Wakeup Frame Detection" for further infor-
mation concerning the Wakeup Frame Filter.
Note:
This register should be read and written using 40 (8 filters)
consecutive DWORD operations. Failure to read or write the entire
contents of the WFF may cause the internal read/write pointers to
be left in a position other than pointing to the first entry. A
mechanism for resetting the internal pointers to the beginning of the
WFF is available via the WFF Pointer Reset (WFF_PTR_RST) bit
of the Wakeup Control and Status Register (WUCSR). This
mechanism enables the application program to re-synchronize with
the internal WFF pointers if it has not previously read/written the
complete contents of the WFF.
R/W
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com