Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89730 Datasheet(PDF) 175 Page - Microchip Technology

Part # LAN89730
Description  Implements Reduced Power Operating Modes
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89730 Datasheet(HTML) 175 Page - Microchip Technology

Back Button LAN89730 Datasheet HTML 171Page - Microchip Technology LAN89730 Datasheet HTML 172Page - Microchip Technology LAN89730 Datasheet HTML 173Page - Microchip Technology LAN89730 Datasheet HTML 174Page - Microchip Technology LAN89730 Datasheet HTML 175Page - Microchip Technology LAN89730 Datasheet HTML 176Page - Microchip Technology LAN89730 Datasheet HTML 177Page - Microchip Technology LAN89730 Datasheet HTML 178Page - Microchip Technology LAN89730 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 218 page
background image
 2013-2015 Microchip Technology Inc.
DS60001348A-page 175
LAN89730
6.4.12
WAKEUP CONTROL AND STATUS REGISTER (WUCSR)
This register contains data pertaining to the MAC’s remote wakeup status and capabilities.
Address:
12Ch
Size:
32 bits
Bits
Description
Type
Default
31
WFF Pointer Reset (WFF_PTR_RST)
This self-clearing bit resets the Wakeup Frame Filter (WFF) internal read and
write pointers to the beginning of the WFF.
SC
0b
30:10
RESERVED
RO
-
9
Global Unicast Wakeup Enable (GUEN)
When set, the MAC wakes up from power-saving mode on receipt of a global
unicast frame. A global unicast frame has the MAC Address [0] bit set to 0.
Note:
The Wakeup Frame Enable (WUEN) bit of this register must also be
set to enable wakeup.
R/W
0b
8
RESERVED
RO
-
7
Perfect DA Frame Received (PFDA_FR)
The MAC sets this bit upon receiving a valid frame with a destination address
that matches the physical address.
This bit is automatically cleared at the completion of a resume sequence if
Resume Clears Remote Wakeup Status (RES_CLR_WKP_STS) is set.
R/WC
0b
6
Remote Wakeup Frame Received (WUFR)
The MAC sets this bit upon receiving a valid remote Wakeup Frame.
This bit is automatically cleared at the completion of a resume sequence if
Resume Clears Remote Wakeup Status (RES_CLR_WKP_STS) is set.
R/WC
0b
5
Magic Packet Received (MPR)
The MAC sets this bit upon receiving a valid Magic Packet.
This bit is automatically cleared at the completion of a resume sequence if
Resume Clears Remote Wakeup Status (RES_CLR_WKP_STS) is set.
R/WC
0b
4
Broadcast Frame Received (BCAST_FR)
The MAC sets this bit upon receiving a valid broadcast frame.
This bit is automatically cleared at the completion of a resume sequence if
Resume Clears Remote Wakeup Status (RES_CLR_WKP_STS) is set.
R/WC
0b
3
Perfect DA Wakeup Enable (PFDA_EN)
When set, remote wakeup mode is enabled and the MAC is capable of
waking up on receipt of a frame with a destination address that matches
the physical address of the device. The physical address is stored in
the
MAC Address High Register (ADDRH) and MAC Address Low Register
(ADDRL).
R/W
0b
2
Wakeup Frame Enable (WUEN)
When set, remote wakeup mode is enabled and the MAC is capable of detect-
ing Wakeup Frames as programmed in the Wakeup Frame Filter.
R/W
0b
1
Magic Packet Enable (MPEN)
When set, Magic Packet wakeup mode is enabled.
R/W
0b
0
Broadcast Wakeup Enable (BCAST_EN)
When set, remote wakeup mode is enabled and the MAC is capable of waking
up from a broadcast frame.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com