Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 12Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 13Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 14Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 15Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 16Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 17Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 18Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 19Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
Figure 4. Partial Reset (IDT Standard and FWFT Modes)
NOTES:
1. PRS must be HIGH during Reset.
2. If BE/FWFT is HIGH, then EF/OR will go LOW one CLKB cycle earlier than in this case where BE/FWFT is LOW.
Figure 3. Reset and Loading X and Y with a Preset Value of Eight (IDT Standard and FWFT Modes)
tRSF
CLKA
RS1, RS2
FF/IR
AE
AF
MBF1,
MBF2
CLKB
EF/OR
FS2,
FS1,FS0
4662 drw 05
tRSTS
tRSTH
tFSH
tFSS
tWFF
tREF(2)
tRSF
0,1
tRSF
BE
BE/
FWFT
FWFT
tBES
1
2
tFWS
tBEH
tWFF
RTM
LOW
CLKA
PRS
FF/IR
AE
AF
MBF1,
CLKB
EF/OR
4662 drw 06
tRSTS
tRSTH
tWFF
tWFF
tREF
tRSF
tRSF
tRSF
MBF2
(2)
RTM
LOW
NOTES:
1. RS1 must be HIGH during Partial Reset.
2. If BE/FWFT is HIGH, then EF/OR will go LOW one CLKB cycle earlier than in this case where BE/FWFT is LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com