Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 5Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 6Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 7Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 8Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 9Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 10Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 11Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 12Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
IDT72V3653L10(3) IDT72V3653L15
IDT72V3663L10(3) IDT72V3663L15
IDT72V3673L10(3) IDT72V3673L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tA
Access Time, CLKA
↑ toA0-A35andCLKB↑ toB0-B35
2
6.5
2
10
ns
tWFF
Propagation Delay Time, CLKA
↑ to FF/IR
2
6.5
2
8
ns
tREF
Propagation Delay Time, CLKB
↑ to EF/OR
1
6.5
1
8
ns
tPAE
Propagation Delay Time, CLKB
↑toAE
1
6.5
1
8
ns
tPAF
Propagation Delay Time, CLKA
↑ toAF
1
6.5
1
8
ns
tPMF
Propagation Delay Time, CLKA
↑ to MBF1LOW or MBF2 and CLKB↑ to MBF2
0
6.5
0
8
ns
LOW or MBF1 HIGH
tPMR
Propagation Delay Time, CLKA
↑ to B0-B35(1) and CLKB↑ to A0-A35(2)
38
2
10
ns
tMDV
Propagation Delay Time, MBA to A0-A35 valid and MBB to B0-B35 Valid
3
6.5
2
10
ns
tRSF
Propagation Delay Time, RS1 or PRS LOW to AE LOW, AF HIGH, MBF1
110
1
15
ns
HIGH and MBF2 HIGH
tEN
Enable Time, CSAand W/RA LOW to A0-A35 Active and CSBLOW and W/RB
2
6
2
10
ns
HIGH to B0-B35 Active
tDIS
Disable Time, CSA or W/RA HIGH to A0-A35 at high impedance and CSBHIGH or
1
6
1
8
ns
W/RB LOW to B0-B35 at high impedance
SWITCHING CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE, CL = 30 pF
NOTES:
1. Writing data to the mail1 register when the B0-B35 outputs are active and MBB is HIGH.
2. Writing data to the mail2 register when the A0-A35 outputs are active and MBA is HIGH.
3. For 10ns speed grade: Vcc = 3.3V
± 0.15V; TA = 0° to +70°.
(For 10ns speed grade only: Vcc = 3.3V ± 0.15V; TA = 0ο C to +70ο C; JEDEC JESD8-A compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com