Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V3653_16 Datasheet HTML 1Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 2Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 3Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 4Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 5Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 6Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 7Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 8Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
Symbol
Name
I/O
Description
PIN DESCRIPTIONS (CONTINUED)
MBA
Port A Mailbox
I
A HIGH level on MBA chooses a mailbox register for a Port A read or write operation.
Select
MBB
Port B Mailbox
I
A HIGH level on MBB chooses a mailbox register for a Port B read or write operation. When the
Select
B0-B35 outputs are active, a HIGH level on MBB selects data from the mail1 register for output and
a LOW level selects FIFO data for output.
MBF1
Mail1RegisterFlag
O
MBF1 is set LOW by a LOW-to-HIGH transition of CLKA that writes data to the mail1 register.
Writes to the mail1 register are inhibited while MBF1 is LOW. MBF1 is set HIGH by a LOW-to-
HIGH transition of CLKB when a Port B read is selected and MBB is HIGH. MBF1 is set HIGH
following either a Reset (RS1) or Partial Reset (PRS).
MBF2
Mail2RegisterFlag
O
MBF2 is set LOW by a LOW-to-HIGH transition of CLKB that writes data to the mail2 register.
Writes to the mail2 register are inhibited while MBF2 is LOW. MBF2 is set HIGH by a LOW-to-
HIGH transition of CLKA when a Port A read is selected and MBA is HIGH. MBF2 is set HIGH
following either a Reset (RS2) or Partial Reset (PRS).
RS1, RS2
Resets
I
A LOW on both pins initializes the FIFO read and write pointers to the first location of memory and
setsthePortBoutputregistertoallzeroes. ALOW-to-HIGHtransition onRS1selectstheprogramming
method (serial or parallel) and one of five programmable flag default offsets. It also configures Port
B for bus size and endian arrangement. Four LOW-to-HIGH transitions of CLKA and four LOW-to-
HIGH transitions of CLKB must occur while RS1 is LOW.
PRS/
PartialReset/
I
ThispinmuxedforbothPartialResetandRetransmitoperations,itisusedinconjunctionwiththeRTM
RT
Retransmit
pin.IfRTMisLOW,thenaLOWonthispininitializestheFIFOreadandwritepointerstothefirstlocation
of memory and sets the Port B output register to all zeroes. During Partial Reset, thecurrently
selectedbussize,endian arrangement,programmingmethod(serialorparallel),andprogrammable
flagsettingsareallretained.IfRTMisHIGH,thenaLOWonthispinperformsaRetransmitandinitializes
thereadpointeronly,tothefirstmemorylocation.
RTM
RetransmitMode
I
This pin is used in conjunction with the RT pin. When RTM is HIGH a Retransmit is performed when
RT is taken HIGH.
SIZE(1)
BusSizeSelect
I
A HIGH on this pin when BM is HIGH selects byte bus (9-bit) size on Port B. A LOW on this pin
(Port B)
when BM is HIGH selects word (18-bit) bus size. SIZE works with BM and BE to select the bus size
and endian arrangement for Port B. The level of SIZE must be static throughout device operation.
W/RA
PortAWrite/
I
A HIGH selects a write operation and a LOW selects a read operation on Port A for a LOW-to-HIGH
ReadSelect
transition of CLKA. The A0-A35 outputs are in the HIGH impedancestatewhenW/RAisHIGH.
W/RB
PortBWrite/
I
A LOW selects a write operation and a HIGH selects a read operation on Port B for a LOW-to-HIGH
ReadSelect
transition of CLKB. The B0-B35 outputs are in the HIGH impedance state when W/RB is LOW.
NOTE:
1. FS2, BM and Size inputs are not TTL compatible. These inputs should be tied to GND or VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com