Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 7Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 8Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 9Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 10Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 11Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 12Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 13Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 14Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
NOTE:
1. X register holds the offset for AE; Y register holds the offset for AF.
2. When this method of parallel programming is selected, Port A will assume Non-Interspersed Parity.
3. When IP Mode is selected, only parallel programming of the offset values via Port A, can be performed and Port A will assume Interspersed Parity.
4. IF parallel programming is selected during a Master Reset, then FS0 & FS1 must remain LOW during FIFO operation.
— PRESET VALUES
ToloadaFIFO’sAlmost-EmptyflagandAlmost-FullflagOffsetregisters
withoneofthefivepresetvalueslistedinTable1,theflagselectinputsmustbe
HIGHorLOWduringareset. Forexample,toloadthepresetvalueof64into
X and Y, FS0, FS1 and FS2 must be HIGH when RS1 returns HIGH. For
the relevant preset value loading timing diagram, see Figure 3.
— PARALLEL LOAD FROM PORT A
ToprogramtheXandYregistersfromPortA,performaResetwithFS2
HIGH or LOW and FS0 and FS1 LOW during the LOW-to-HIGH transition of
RS1. ThestateofFS2atthispointofresetwilldeterminewhethertheparallel
programming method has Interspersed Parity or Non-Interspersed Parity.
RefertoTable1forFlagProgrammingFlagOffsetsetup.Itisimportanttonote
thatonceparallelprogramminghasbeenselectedduringaMasterResetby
holding both FS0 & FS1 LOW, these inputs must remain LOW during all
subsequent FIFO operation. They can only be toggled HIGH when future
MasterResetsareperformedandotherprogrammingmethodsaredesired.
Afterthisresetiscomplete,thefirsttwowritestotheFIFOdonotstoredata
inRAM. ThefirsttwowritecyclesloadtheoffsetregistersintheorderY,X. On
thethirdwritecycletheFIFOisreadytobeloadedwithadataword. SeeFigure
5, Parallel Programming of the Almost-Full Flag and Almost-Empty Flag
Offset Values after Reset (IDT Standard and FWFT modes), for a detailed
timingdiagram.ForNon-InterspersedParitymodethePortAdatainputsused
bytheOffsetregistersare(A10-A0),(A11-A0),or(A12-A0)fortheIDT72V3653,
IDT72V3663,orIDT72V3673,respectively.ForInterspersedParitymodethe
PortAdatainputsusedbytheOffsetregistersare(A11-A9,A7-A0),(A12-A9,
A7-A0),or(A13-A9,A7-A0)fortheIDT72V3653,IDT72V3663,orIDT72V3673,
respectively. Thehighestnumberedinputisusedasthemostsignificantbitof
the binary number in each case. Valid programming values for the registers
rangefrom1to2,044fortheIDT72V3653;1to4,092fortheIDT72V3663;and
1to8,188fortheIDT72V3673. Afteralltheoffsetregistersareprogrammed
from Port A, the FIFO begins normal operation.
INTERSPERSED PARITY
Interspersed Parity is selected during a Master Reset of the FIFO. Refer
toTable1fortheset-upconfigurationofInterspersedParity.TheInterspersed
Parityfunctionallowstheusertoselectthelocationoftheparitybitsintheword
loaded into the parallel port (A0-An) during programming of the flag offset
values.IfInterspersedParityisselectedthenduringparallelprogrammingof
the flag offset values, the device will ignore data line A8. If Non-Interspersed
ParityisselectedthendatalineA8willbecomeavalidbit.IfInterspersedParity
isselectedserialprogrammingoftheoffsetvaluesisnotpermitted,onlyparallel
programming can be done.
— SERIAL LOAD
ToprogramtheXandYregistersserially,initiateaResetwithFS2LOW,
FS0/SDLOWandFS1/SENHIGHduringtheLOW-to-HIGHtransitionofRS1.
After this reset is complete, the X and Y register values are loaded bit-wise
through the FS0/SD input on each LOW-to-HIGH transition of CLKA that the
FS1/SENinputisLOW.Thereare22-,24-or26-bitwritesneededtocomplete
the programming for the IDT72V3653, IDT72V3663 or the IDT72V3673,
respectively. ThetworegistersarewrittenintheorderY,X. Eachregistervalue
canbeprogrammedfrom1to2,044(IDT72V3653),1to4,092(IDT72V3663)
or 1 to 8,188 (IDT72V3673).
Whentheoptiontoprogramtheoffsetregistersseriallyischosen,theFull/
Input Ready (FF/IR) flag remains LOW until all register bits are written. FF/
IRissetHIGHbytheLOW-to-HIGHtransitionofCLKAafterthelastbitisloaded
to allow normal FIFO operation.
See Figure 6, Serial Programming of the Almost-Full Flag and Almost-
Empty Flag Offset Values after Reset (IDT Standard and FWFT Modes).
FIFO WRITE/READ OPERATION
ThestateofthePortAdata(A0-A35)linesiscontrolledbyPortAChipSelect
(CSA)andPortAWrite/Readselect(W/RA). TheA0-A35linesareintheHigh-
impedance state when either CSA or W/RA is HIGH. The A0-A35 lines are
active outputs when both CSA and W/RA are LOW.
DataisloadedintotheFIFOfromtheA0-A35inputsonaLOW-to-HIGH
transition of CLKA when CSA is LOW, W/RA is HIGH, ENA is HIGH, MBA is
LOW,andFF/IRisHIGH(seeTable2). FIFOwritesonPortAareindependent
of any concurrent reads on Port B.
ThePortBcontrolsignalsareidenticaltothoseofPortAwiththeexception
thatthePortBWrite/Readselect(W/RB)istheinverseofthePortAWrite/Read
select(W/RA). ThestateofthePortBdata(B0-B35)linesiscontrolledbythe
PortBChipSelect(CSB)andPortBWrite/Readselect(W/RB). TheB0-B35
linesareinthehigh-impedancestatewheneitherCSBisHIGHorW/RBisLOW.
The B0-B35 lines are active outputs when CSB is LOW and W/RB is HIGH.
FS2
FS1/SEN
FS0/SD
RS1
X AND Y REGlSTERS(1)
HHH
↑
64
HH
L
↑
16
HL
H
↑
8
LH
H
↑
256
LL
H
↑
1,024
LH
L
↑
Serial programming via SD
HL
L
↑
ParallelprogrammingviaPortA(2,4)
LLL
↑
IP Mode(3,4)
TABLE 1 — FLAG PROGRAMMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com