Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V3653_16 Datasheet HTML 1Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 2Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 3Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 4Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 5Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 6Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 7Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 8Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
MAY 2016
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
2,048 x 36
4,096 x 36
8,192 x 36
IDT72V3653
IDT72V3663
IDT72V3673
©2016 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-4662/5
COMMERCIAL TEMPERATURE RANGE
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. SyncFIFO
™ isatrademarkofIntegratedDeviceTechnology,Inc.
FEATURES
••••• Memory storage capacity:
IDT72V3653
–
2,048 x 36
IDT72V3663
–
4,096 x 36
IDT72V3673
–
8,192 x 36
••••• Clock frequencies up to 100 MHz (6.5 ns access time)
••••• Clocked FIFO buffering data from Port A to Port B
••••• IDT Standard timing (using EF and FF) or First Word Fall
Through Timing (using OR and IR flag functions)
••••• Programmable Almost-Empty and Almost-Full flags; each has
five default offsets (8, 16, 64, 256 and 1,024)
••••• Serial or parallel programming of partial flags
••••• Port B bus sizing of 36 bits (long word), 18 bits (word) and 9 bits
(byte)
••••• Big- or Little-Endian format for word and byte bus sizes
••••• Retransmit Capability
••••• Reset clears data and configures FIFO, Partial Reset clears data
but retains configuration settings
••••• Mailbox bypass registers for each FIFO
••••• Free-running CLKA and CLKB may be asynchronous or
coincident (simultaneous reading and writing of data on a single
clock edge is permitted)
••••• Easily expandable in width and depth
••••• Auto power down minimizes power dissipation
••••• Available in a space-saving 128-pin Thin Quad Flatpack (TQFP)
••••• Pin and functionally compatible versions of the 5V operating
IDT723653/723663/723673
••••• Pin compatible with the lower density parts, IDT72V3623/
72V3633/72V3643
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
FUNCTIONAL BLOCK DIAGRAM
Mail 1
Register
Programmable Flag
Offset Registers
Status Flag
Logic
EF/OR
AE
36
FF/IR
AF
36
Timing
Mode
FWFT
A0-A35
FS2
FS0/SD
FS1/
SEN
B0-B35
Write
Pointer
Read
Pointer
Mail 2
Register
MBF2
CLKB
CSB
W/RB
ENB
MBB
BE
BM
SIZE
Port-B
Control
Logic
13
4662 drw01
RAM ARRAY
2,048 x 36
4,096 x 36
8,192 x 36
CLKA
CSA
W/
RA
ENA
MBA
Port-A
Control
Logic
FIFO1
Mail1,
Mail2,
Reset
Logic
RS1
MBF1
36
PRS
36
36
RS2
36
FIFO
Retransmit
Logic
RT
RTM


Similar Part No. - IDT72V3653_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3653L10PF IDT-IDT72V3653L10PF Datasheet
321Kb / 30P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3653L15PF IDT-IDT72V3653L15PF Datasheet
321Kb / 30P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
More results

Similar Description - IDT72V3653_16

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
3.3 VOLT CMOS SyncFIFO WITH
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
3.3 VOLT CMOS SyncFIFO
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
CMOS BUS-MATCHING SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com