Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V3653_16 Datasheet HTML 1Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 2Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 3Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 4Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 5Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 6Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 7Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 8Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
fastas6.5ns. The2,048/4,096/8,192x36dual-portSRAMFIFObuffersdata
from Port A to Port B. FIFO data on Port B can output in 36-bit, 18-bit, or 9-bit
formatswithachoiceofBig-orLittle-Endianconfigurations.
These devices are synchronous (clocked) FIFOs, meaning each port
employs a synchronous interface. All data transfers through a port are gated
totheLOW-to-HIGHtransitionofaportclockbyenablesignals. Theclocksfor
DESCRIPTION
TheIDT72V3653/72V3663/72V3673arepinand functionallycompatible
versionsoftheIDT723653/723663/723673,designedtorunoffa3.3Vsupply
forexceptionallylowpowerconsumption. Thesedevicesaremonolithic,high-
speed,low-power,CMOSunidirectionalSynchronous(clocked)FIFOmemory
whichsupportsclockfrequenciesupto100MHzandhasreadaccesstimesas
PIN CONFIGURATION
TQFP (PK128, order code: PF)
TOP VIEW
W/
RA
CLKB
4662 drw02
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
ENA
CLKA
GND
A35
A34
A33
A32
Vcc
A31
A30
GND
A29
A28
A27
A26
A25
A24
A23
BE/
FWFT
GND
A22
Vcc
A21
A20
A19
A18
GND
A17
A16
A15
A14
A13
Vcc
A12
GND
A11
A10
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
102
101
Vcc
Vcc
B35
B34
B33
B32
RTM
GND
B31
B30
B29
B28
B27
B26
Vcc
B25
B24
BM
GND
B23
B22
B21
B20
B19
B18
GND
B17
B16
Vcc
B15
B14
B13
B12
GND
B11
B10
INDEX
SIZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com