Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 4Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 5Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 6Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 7Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 8Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 9Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 10Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 11Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
IDT72V3653L10(4) IDT72V3653L15
IDT72V3663L10(4) IDT72V3663L15
IDT72V3673L10(4) IDT72V3673L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fS
Clock Frequency, CLKA or CLKB
—
100
—
66.7
MHz
tCLK
Clock Cycle Time, CLKA or CLKB
10
—
15
—
ns
tCLKH
Pulse Duration, CLKA or CLKB HIGH
4.5
—
6
—
ns
tCLKL
Pulse Duration, CLKA and CLKB LOW
4.5
—
6
—
ns
tDS
Setup Time, A0-A35 before CLKA
↑ and B0-B35 before CLKB↑
3—
4
—
ns
tENS1
Setup Time, CSAand W/RA before CLKA
↑; CSBand W/RB before CLKB↑
4
—
4.5
—
ns
tENS2
Setup Time, ENA, and MBA before CLKA
↑; ENB and MBB before CLKB↑
3
—
4.5
—
ns
tRSTS
Setup Time, RS1or PRSLOW before CLKA
↑ or CLKB↑(1)
5—
5
—
ns
tFSS
Setup Time, FS0, FS1 and FS2 before RS1 HIGH
7.5
—
7.5
—
ns
tBES
Setup Time, BE/FWFT before RS1 HIGH
7.5
—
7.5
—
ns
tSDS
Setup Time, FS0/SD before CLKA
↑
3—
4
—
ns
tSENS
SetupTime,FS1/SENbeforeCLKA
↑
3—
4
—
ns
tFWS
Setup Time, FWFT before CLKA
↑
0—
0
—
ns
tDH
Hold Time, A0-A35 after CLKA
↑ and B0-B35 after CLKB↑
0.5
—
1
—
ns
tRTMS
Setup Time, RTM before RT1; RTM before RT2
5—
5
—
ns
tENH
Hold Time, CSA, W/RA, ENA, and MBA after CLKA
↑; CSB, W/RB, ENB, and MBB
0.5
—
1
—
ns
afterCLKB
↑
tRSTH
Hold Time, RS1 or PRS LOW after CLKA
↑ or CLKB↑(1)
4—
4
—
ns
tFSH
Hold Time, FS0, FS1 and FS2 after RS1 HIGH
2
—
2
—
ns
tBEH
Hold Time, BE/FWFT after RS1 HIGH
2
—
2
—
ns
tSDH
Hold Time, FS0/SD after CLKA
↑
0.5
—
1
—
ns
tSENH
Hold Time, FS1/SENHIGH after CLKA
↑
0.5
—
1
—
ns
tSPH
Hold Time, FS1/SEN HIGH after RS1 HIGH
2
—
2
—
ns
tRTMH
Hold Time, RTM after RT1; RTM after RT2
5—
5
—
ns
tSKEW1(2)
Skew Time between CLKA
↑ and CLKB↑ for EF/OR and FF/IR
5
—
7.5
—
ns
tSKEW2(2,3)
Skew Time between CLKA
↑ and CLKB↑ for AE and AF
12
—
12
—
ns
TIMING REQUIREMENTS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE
NOTES:
1. Requirement to count the clock edge as one of at least four needed to reset a FIFO.
2. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship between CLKA cycle and CLKB cycle.
3. Design simulated, not tested.
4. For 10ns speed grade: Vcc = 3.3V
± 0.15V; TA = 0° to +70°.
(For 10ns speed grade only: Vcc = 3.3V ± 0.15V; TA = 0ο C to +70ο C; JEDEC JESD8-A compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com