Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 10Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 11Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 12Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 13Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 14Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 15Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 16Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 17Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
firstsynchronizationcycleifitoccursattimetSKEW2orgreaterafterthereadthat
reduces the number of words in memory to [2,048/4,096/8,192-(Y+1)].
Otherwise,thesubsequentsynchronizingclockcyclemaybethefirstsynchro-
nization cycle (see Figure 16).
MAILBOX REGISTERS
Two36-bitbypassregistersareontheIDT72V3653/72V3663/72V3673
topasscommandandcontrolinformationbetweenPortAandPortBwithout
puttingitinqueue.TheMailboxselect(MBA,MBB)inputschoosebetweena
mail register and a FIFO for a port data transfer operation. The usable width
ofboththeMail1andMail2RegistersmatchestheselectedbussizeforPortB.
ALOW-to-HIGHtransitiononCLKAwritesdatatotheMail1Registerwhen
a Port A write is selected by CSA, W/RA, and ENA with MBA HIGH. If the
selectedPortBbussizeis36bits,theusablewidthoftheMail1Registeremploys
datalinesA0-A35.IftheselectedPortBbussizeis18bits,thentheusablewidth
of the Mail1 Register employs data lines A0-A17. (In this case, A18-A35 are
don’tcareinputs.)IftheselectedPortBbussizeis9bits,thentheusablewidth
oftheMail1RegisteremploysdatalinesA0-A8.(Inthiscase,A9-A35aredon’t
careinputs.)
A LOW-to-HIGH transition on CLKB writes B0-B35 data to the Mail2
Register when a Port B write is selected by CSB, W/RB, and ENB with MBB
HIGH. If the selected Port B bus size is 36 bits, the usable width of the Mail2
employsdatalinesB0-B35.IftheselectedPortBbussizeis18bits,thenthe
usablewidthoftheMail2RegisteremploysdatalinesB0-B17.(Inthiscase,B18-
B35aredon’tcareinputs.)IftheselectedPortBbussizeis9bits,thentheusable
widthoftheMail2RegisteremploysdatalinesB0-B8.(Inthiscase,B9-B35are
don’tcareinputs.)
Writing data to a mail register sets its corresponding flag (MBF1 or
MBF2)LOW.Attemptedwritestoamailregisterareignoredwhilethemailflag
isLOW.
When data outputs of a port are active, the data on the bus comes from
theFIFOoutputregisterwhentheportMailboxselectinputisLOWandfrom
the mail register when the port Mailbox select input is HIGH.
The Mail1 Register Flag (MBF1) is set HIGH by a LOW-to-HIGH
transition on CLKB when a Port B read is selected by CSB, W/RB, and ENB
with MBB HIGH. For a 36-bit bus size, 36 bits of mailbox data are placed on
B0-B35.Foran18-bitbussize,18bitsofmailboxdataareplacedonB0-B17.
(Inthiscase,B18-B35areindeterminate.)Fora9-bitbussize,9bitsofmailbox
data are placed on B0-B8. (In this case, B9-B35 are indeterminate.)
The Mail2 Register Flag (MBF2) is set HIGH by a LOW-to-HIGH
transition on CLKA when a Port A read is selected by CSA, W/RA, and ENA
with MBA HIGH.
For a 36-bit bus size, 36 bits of mailbox data are placed on A0-A35. For
an18-bitbussize,18bitsofmailboxdataareplacedonA0-A17.(Inthiscase,
A18-A35 are indeterminate.) For a 9-bit bus size, 9 bits of mailbox data are
placed on A0-A8. (In this case, A9-A35 are indeterminate.)
Thedatainamailregisterremainsintactafteritisreadandchangesonly
whennewdataiswrittentotheregister.TheEndianselectfeaturehasnoeffect
onmailboxdata. Formailregisterandmailregisterflagtimingdiagrams,see
Figure 17 and 18.
BUS SIZING
The Port B bus can be configured in a 36-bit long word, 18-bit word, or
9-bitbyteformatfordatareadfromtheFIFO. ThelevelsappliedtothePortB
BusSizeselect(SIZE)andtheBus-Matchselect(BM)determinethePortBbus
size. TheselevelsshouldbestaticthroughoutFIFOoperation. Bothbussize
selectionsareimplementedatthecompletionofReset,bythetimetheFull/Input
Ready flag is set HIGH, as shown in Figure 2.
TwodifferentmethodsforsequencingdatatransferareavailableforPort
B when the bus size selection is either byte-or word-size. They are referred
toasBig-Endian(mostsignificantbytefirst)andLittle-Endian(leastsignificant
bytefirst). ThelevelappliedtotheBig-Endianselect(BE)inputduringtheLOW-
to-HIGHtransitionofRS1selectstheendianmethodthatwillbeactiveduring
FIFO operation. BE is a don’t care input when the bus size selected for Port
Bislongword. TheendianmethodisimplementedatthecompletionofReset,
by the time the Full/Input Ready flag is set HIGH, as shown in Figure 2.
Only 36-bit long word data is written to or read from the FIFO memory on
the IDT72V3653/72V3663/72V3673. Bus-matching operations are done after
data is read from the FIFO RAM. These bus-matching operations are not
available when transferring data via mailbox registers. Furthermore, both the
word-andbyte-sizebusselectionslimitthewidthofthedatabusthatcanbeused
for mail register operations. In this case, only those byte lanes belonging to the
selected word- or byte-size bus can carry mailbox data. The remaining data
outputswillbeindeterminate. Theremainingdatainputswillbedon’tcareinputs.
For example, when a word-size bus is selected, then mailbox data can be
transmitted only between A0-A17 and B0-B17. When a byte-size bus is
selected, then mailbox data can be transmitted only between A0-A8 and B0-
B8. (See Figures 17 and 18).
BUS-MATCHING FIFO READS
Data is read from the FIFO RAM in 36-bit long word increments. If a long
wordbussizeisimplemented,theentirelongwordimmediatelyshiftstotheFIFO
output register. If byte or word size is implemented on Port B, only the first one
or two bytes appear on the selected portion of the FIFO output register, with the
rest of the long word stored in auxiliary registers. In this case, subsequent FIFO
reads output the rest of the long word to the FIFO output register in the order
shown by Figure 2.
WhenreadingdatafromFIFOinbyteorwordformat,theunusedB0-B35
outputsareindeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com