Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 14Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 15Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 16Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 17Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 18Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 19Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 20Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 21Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
NOTE:
1. Data read from the FIFO
NOTE:
1. BE is selected at Reset: BM and SIZE must be static throughout device operation.
Figure 8. Port B Long-Word Read Cycle (IDT Standard and FWFT Modes)
SIZE MODE(1)
DATA WRITTEN TO FIFO
DATA READ FROM FIFO
(SELECT AT RESET)
BM
SIZE
BE
A35-A27
A26-A18
A17-A9
A8-A0
B35-B27
B26-B18
B17-B9
B8-B0
LX
X
A
B
C
D
A
B
C
D
DATA SIZE TABLE FOR FIFO LONG-WORD READS
NOTE:
1. Written to FIFO.
Figure 7. Port A Write Cycle Timing for FIFO (IDT Standard and FWFT Modes)
4662 drw09
CLKA
FF/IRA
ENA
A0-A35
MBA
CSA
W/
RA
tCLKH
tCLKL
tCLK
tENS1
tENS1
tENS2
tENS2
tDS
tENH
tENH
tENH
tENH
tDH
W1(1)
W2 (1)
tENS2
tENH
tENH
tENS2
No Operation
HIGH
4662 drw 10
CLKB
EF/OR
ENB
MBB
CSB
W/RB
tDIS
tCLK
tCLKH
tCLKL
tENS2
tA
tMDV
tEN
tA
tENS2
tENH
tENS2
tENH
W1(1)
W2 (1)
W3
(1)
tENH
tDIS
tEN
W2 (1)
(1)
W1
Previous Data
tMDV
tA
OR
B0-B35
(Standard Mode)
B0-B35
(FWFT Mode)
tA
No Operation
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com