Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72V3653_16 Datasheet HTML 1Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 2Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 3Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 4Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 5Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 6Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 7Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 8Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
PIN DESCRIPTIONS
Symbol
Name
I/O
Description
A0-A35
Port A Data
I/O
36-bitbidirectionaldataportforsideA.
AE
Almost-EmptyFlag
O
ProgrammableAlmost-EmptyflagsynchronizedtoCLKB.ItisLOWwhenthenumberofwordsin
(Port B)
the FIFO is less than or equal to the value in the Almost-Empty B offset register, X.
AF
Almost-FullFlag
O
ProgrammableAlmost-FullflagsynchronizedtoCLKA.ItisLOWwhenthenumberofempty
(Port A)
locations in the FIFO is less than or equal to the value in the Almost-Full A offset register, Y.
B0-B35
Port B Data
I/O
36-bitbidirectionaldataportforsideB.
BE/FWFT
Big-Endian/
I
This is a dual purpose pin. During Master Reset, a HIGH on BE will select Big-Endian operation.
FirstWord
In this case, depending on the bus size, the most significant byte or word written to Port A is read
Fall Through
fromPortBfirst. ALOWonBEwillselectLittle-Endianoperation. Inthiscase,theleastsignificant
byte or word written to Port A is read from Port B first. After Master Reset, this pin selects the timing
mode. A HIGH on FWFT selects IDT Standard mode, a LOW selects First Word Fall Through
mode. Once the timing mode has been selected, the level on FWFT must be static throughout
deviceoperation.
BM(1)
Bus-MatchSelect
I
A HIGH on this pin enables either byte or word bus width on Port B, depending on the state of
(Port B)
SIZE. A LOW selects long word operation. BM works with SIZE and BE to select the bus size and
endian arrangement for Port B. The level of BM must be static throughout device operation.
CLKA
Port A Clock
I
CLKA is a continuous clock that synchronizes all data transfers through Port A and can be
asynchronous or coincident to CLKB. FF/IR and AF are synchronized to the LOW-to-HIGH
transitionofCLKA.
CLKB
Port B Clock
I
CLKB is a continuous clock that synchronizes all data transfers through Port B and can be
asynchronous or coincident to CLKA. EF/OR and AE are synchronized to the LOW-to-HIGH
transitionofCLKB.
CSA
Port A Chip
I
CSA must be LOW to enable to LOW-to-HIGH transition of CLKA to read or write on Port A. The
Select
A0-A35 outputs are in the high-impedance state when CSA is HIGH.
CSB
Port B Chip
I
CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read or write data on Port B.
Select
The B0-B35 outputs are in the high-impedance state when CSB is HIGH.
EF/OR
Empty/Output
O
This is a dual function pin. In the IDT Standard mode, the EF function is selected. EFindicates
Ready Flag
whetherornottheFIFOmemoryisempty. IntheFWFTmode,the ORfunctionisselected. ORindicates
(Port B)
thepresenceofvaliddataontheB0-B35outputs,availableforreading. EF/ORissynchronizedtothe
LOW-to-HIGHtransitionofCLKB.
ENA
Port A Enable
I
ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on Port A.
ENB
Port B Enable
I
ENB must be HIGH to enable a LOW-to-HIGH transition of CLKB to read or write data on Port B.
FF/IR
Full/Input
O
This is a dual function pin. In the IDT Standard mode, the FF function is selected. FF indicates
Ready Flag
whether or not the FIFO memory is full. In the FWFT mode, the IR function is selected. IR
(Port A)
indicates whether or not there is space available for writing to the FIFO memory. FF/IR is
synchronizedtotheLOW-to-HIGHtransitionofCLKA.
FS0/SD
FlagOffsetSelect0/
I
FS1/SEN and FS0/SD are dual-purpose inputs used for flag offset register programming. During
SerialData,
Reset,FS1/SENandFS0/SD,togetherwithFS2selecttheflagoffsetprogrammingmethod.
Threeoffsetregisterprogrammingmethodsareavailable:automaticallyloadoneoffivepreset
values (8, 16, 64, 256 or 1,024), parallel load from Port A, and serial load.
FS1/SEN
FlagOffsetSelect1/
I
SerialEnable
When serial load is selected for flag offset register programming, FS1/SEN is used as an enable
synchronous to the LOW-to-HIGH transition of CLKA. When FS1/SEN is LOW, a rising edge on
FS2(1)
FlagOffsetSelect2
I
CLKA load the bit present on FS0/SD into the X and Y registers. The number of bit writes required
to program the offset registers is 22 for the IDT72V3653, 24 for the IDT72V3663, and 26 for the
IDT72V3673. The first bit write stores the Y-register MSB and the last bit write stores the X-register
LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com