Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 9Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 10Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 11Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 12Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 13Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 14Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 15Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 16Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
SYNCHRONIZED FIFO FLAGS
Each FIFO is synchronized to its port clock through at least two flip-flop
stages. Thisisdonetoimproveflag-signalreliabilitybyreducingtheprobability
of metastable events when CLKA and CLKB operate asynchronously to one
another. FF/IR, and AF are synchronized to CLKA. EF/OR and AE are
synchronizedtoCLKB. Table4 shows therelationshipofeachportflagtothe
number of words stored in memory.
EMPTY/OUTPUTREADYFLAGS(EF/OR)
These are dual purpose flags. In the FWFT mode, the Output Ready
(OR) function is selected. When the Output-Ready flag is HIGH, new data is
present in the FIFO output register. When the Output Ready flag is LOW, the
previousdatawordispresentintheFIFOoutputregisterandattemptedFIFO
reads are ignored.
IntheIDTStandardmode,theEmptyFlag(EF)functionisselected. When
the Empty Flag is HIGH, data is available in the FIFO’s memory for reading to
the output register. When the Empty Flag is LOW, the previous data word is
present in the FIFO output register and attempted FIFO reads are ignored.
TheEmpty/OutputReadyflagofaFIFOissynchronizedtotheportclock
that reads data from its array (CLKB). For both the FWFT and IDT Standard
modes,theFIFOreadpointerisincrementedeachtimeanewwordisclocked
to its output register. The state machine that controls an Output Ready flag
monitors a write pointer and read pointer comparator that indicates when the
FIFOmemorystatusisempty,empty+1,orempty+2.
InFWFTmode,fromthetimeawordiswrittentoaFIFO,itcanbeshifted
totheFIFOoutputregisterinaminimumofthreecyclesoftheOutputReadyflag
synchronizingclock.Therefore,anOutputReadyflagisLOWifawordinmemory
isthenextdatatobesenttotheFlFOoutputregisterandthreecyclesoftheport
ClockthatreadsdatafromtheFIFOhavenotelapsedsincethetimetheword
waswritten. TheOutputReadyflagoftheFIFOremainsLOWuntilthethirdLOW-
to-HIGHtransitionofthesynchronizingclockoccurs,simultaneouslyforcingthe
Output Ready flag HIGH and shifting the word to the FIFO output register.
In IDTStandardmode,fromthetimeawordiswrittentoaFIFO,theEmpty
Flagwillindicatethepresenceofdataavailableforreadinginaminimumoftwo
cyclesoftheEmptyFlagsynchronizingclock. Therefore,anEmptyFlagisLOW
if a word in memory is the next data to be sent to the FlFO output register and
twocyclesoftheportClockthatreadsdatafromtheFIFOhavenotelapsedsince
thetimethewordwaswritten. TheEmptyFlagoftheFIFOremainsLOWuntil
thesecondLOW-to-HIGHtransitionofthesynchronizingclockoccurs,forcing
the Empty Flag HIGH; only then can data be read.
ALOW-to-HIGHtransitiononanEmpty/OutputReadyflagsynchronizing
clockbeginsthefirstsynchronizationcycleofawriteiftheclocktransitionoccurs
attimetSKEW1orgreaterafterthewrite.Otherwise,thesubsequentclockcycle
can be the first synchronization cycle (see Figures 11 and 12).
FULL/INPUT READY FLAGS (FF/IR)
Thisisadualpurposeflag. InFWFTmode,theInputReady(IR)function
isselected. InIDTStandardmode,theFullFlag(FF) functionisselected. For
bothtimingmodes,whentheFull/InputReadyflagisHIGH,amemorylocation
is free in the FIFO to receive new data. No memory locations are free when
theFull/InputReadyflagisLOWandattemptedwritestotheFIFOareignored.
TheFull/InputReadyflagofaFlFOissynchronizedtotheportclockthat
writesdatatoitsarray(CLKA). ForbothFWFTandIDTStandardmodes,each
timeawordiswrittentoaFIFO,itswritepointerisincremented. Thestatemachine
that controls a Full/Input Ready flag monitors a write pointer and read pointer
comparatorthatindicateswhentheFlFO memorystatusisfull,full-1,orfull-2.
FromthetimeawordisreadfromaFIFO,itspreviousmemorylocationisready
to be written to in a minimum of two cycles of the Full/Input Ready flag
synchronizing clock. Therefore, an Full/Input Ready flag is LOW if less than
twocyclesoftheFull/InputReadyflagsynchronizingclockhaveelapsedsince
the next memory write location has been read. The second LOW-to-HIGH
transitionontheFull/InputReadyflagsynchronizingclockafterthereadsets
the Full/Input Ready flag HIGH.
ALOW-to-HIGHtransitiononaFull/InputReadyflagsynchronizingclock
beginsthefirstsynchronizationcycleofareadiftheclocktransitionoccursat
timetSKEW1orgreateraftertheread. Otherwise,thesubsequentclockcycle
can be the first synchronization cycle (see Figures 13 and 14).
ALMOST-EMPTYFLAG(AE)
The Almost-Empty flag of a FIFO is synchronized to the port clock that
readsdatafromitsarray(CLKB). ThestatemachinethatcontrolsanAlmost-
Emptyflagmonitorsawritepointerandreadpointercomparatorthatindicates
whentheFIFOmemorystatusisalmost-empty,almost-empty+1,oralmost-
empty+2. TheAlmost-EmptystateisdefinedbythecontentsofregisterX. These
registersareloadedwithpresetvaluesduringaFIFOreset,programmedfrom
Port A, or programmed serially (see Almost-Empty flag and Almost-Full flag
offset programming section). An Almost-Empty flag is LOW when its FIFO
contains X or less words and is HIGH when its FIFO contains (X+1) or more
words. NotethatadatawordpresentintheFIFOoutputregisterhasbeenread
frommemory.
TwoLOW-to-HIGHtransitionsoftheAlmost-Emptyflagsynchronizing
clockarerequiredafteraFIFOwriteforitsAlmost-Emptyflagtoreflectthenew
leveloffill. Therefore,theAlmost-EmptyflagofaFIFOcontaining(X+1)ormore
wordsremainsLOWiftwocyclesofitssynchronizingclockhavenotelapsed
sincethewritethatfilledthememorytothe(X+1)level. AnAlmost-Emptyflag
issetHIGHbythesecondLOW-to-HIGHtransitionofitssynchronizingclock
after the FIFO write that fills memory to the (X+1) level. A LOW-to-HIGH
transitionofanAlmost-Emptyflagsynchronizingclockbeginsthefirstsynchro-
nizationcycleifitoccursattimetSKEW2orgreaterafterthewritethatfillstheFIFO
to(X+1)words. Otherwise,thesubsequentsynchronizingclockcyclemaybe
the first synchronization cycle. (See Figure 15).
ALMOST-FULL FLAG (AF)
TheAlmost-FullflagofaFIFOissynchronizedtotheportclockthatwrites
datatoitsarray. ThestatemachinethatcontrolsanAlmost-Fullflagmonitors
a write pointer and read pointer comparator that indicates when the FIFO
memorystatusisalmost-full,almost-full-1,oralmost-full-2. TheAlmost-Fullstate
isdefinedbythecontentsofregisterY.Theseregistersareloadedwithpreset
values during a FlFO reset or, programmed from Port A, or programmed
serially (see Almost-Empty flag and Almost-Full flag offset programming
section). AnAlmost-FullflagisLOWwhenthenumberofwordsinitsFIFOis
greaterthanorequalto(2,048-Y),(4,096-Y),or(8,192-Y)fortheIDT72V3653,
IDT72V3663,orIDT72V3673respectively. AnAlmost-FullflagisHIGHwhen
the number of words in its FIFO is less than or equal to [2,048-(Y+1)],
[4,096-(Y+1)], or [8,192-(Y+1)] for the IDT72V3653, IDT72V3663, or
IDT72V3673 respectively. Note that a data word present in the FIFO output
register has been read from memory.
TwoLOW-to-HIGHtransitionsoftheAlmost-Fullflagsynchronizingclock
are required after a FIFO read for its Almost-Full flag to reflect the new level
offill.Therefore,theAlmost-FullflagofaFIFOcontaining[2,048/4,096/8,192-
(Y+1)]orlesswordsremainsLOWiftwocyclesofitssynchronizingclockhave
not elapsed since the read that reduced the number of words in memory to
[2,048/4,096/8,192-(Y+1)]. An Almost-Full flag is set HIGH by the second
LOW-to-HIGH transition of its synchronizing clock after the FIFO read that
reduces the number of words in memory to [2,048/4,096/8,192-(Y+1)]. A
LOW-to-HIGHtransitionofanAlmost-Fullflagsynchronizingclockbeginsthe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com