Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 19 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 15Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 16Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 17Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 18Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 19Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 20Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 21Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 22Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
SIZE MODE (1)
DATA WRITTEN TO FIFO 1
READ
DATA READ FROM FIFO
NO.
BM
SIZE
BE
A35-A27
A26-A18
A17-A9
A8-A0
B17-B9
B8-B0
HL
H
A
B
C
D
1
A
B
2C
D
HL
L
A
B
C
D
1
C
D
2A
B
DATA SIZE TABLE FOR WORD READS
Figure 9. Port B Word Read Cycle Timing (IDT Standard and FWFT Modes)
NOTE:
1. BE is selected at Reset: BM and SIZE must be static throughout device operation.
NOTE:
1. Unused word B18-B35 are indeterminate.
CLKB
ENB
FF/OR
W/RB
CSB
HIGH
4662 drw 11
B0-B17
Previous Data
tDIS
tA
t A
tENS2
tENH
No Operation
Read 1
B0-B17
tA
tA
Read 1
Read 2
Read 2
Read 3
tDIS
MBB
(Standard Mode)
(FWFT Mode)
OR
tEN
tMDV
tMDV
tEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com