Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 6Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 7Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 8Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 9Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 10Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 11Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 12Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 13Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
BIG-ENDIAN/FIRST WORD FALL THROUGH (BE/FWFT)
— ENDIAN SELECTION
Thisisadualpurposepin. AtthetimeofReset,theBEselectfunctionis
active,permittingachoiceofBig-orLittle-Endianbytearrangementfordataread
fromPortB. Thisselectiondeterminestheorderbywhichbytes(orwords)of
dataaretransferredthroughthisport. Forthefollowingillustrations,assume
that a byte (or word) bus size has been selected for Port B. (Note that when
Port B is configured for a long word size, the Big-Endian function has no
application and the BE input is a “don’t care”1.)
A HIGH on the BE/FWFT input when the Reset (RS1) input goes from
LOW to HIGH will select a Big-Endian arrangement. In this case, the most
significantbyte(word)ofthelongwordwrittentoPortAwillbereadfromPort
Bfirst;theleastsignificantbyte(word)ofthelongwordwrittentoPortAwillbe
read from Port B last.
A LOW on the BE/FWFT input when the Reset (RS1) input goes from
LOW to HIGH will select a Little-Endian arrangement. In this case, the least
significantbyte(word)ofthelongwordwrittentoPortAwillbereadfromPort
Bfirst;themostsignificantbyte(word)ofthelongwordwrittentoPortAwillbe
readfromPortBlast. RefertoFigure2foranillustrationoftheBEfunction.See
Figure 3 (Reset) for an Endian select timing diagram.
— TIMING MODE SELECTION
AfterReset,theFWFTselectfunctionisactive,permittingachoicebetween
two possible timing modes: IDT Standard mode or First Word Fall Through
(FWFT)mode. OncetheReset(RS1)inputisHIGH,aHIGHontheBE/FWFT
inputduringthenextLOW-to-HIGHtransitionofCLKA andCLKB willselect
IDTStandardmode. ThismodeusestheEmptyFlagfunction(EF)toindicate
whether or not there are any words present in the FIFO memory. It uses the
Full Flag function (FF) to indicate whether or not the FIFO memory has any
freespaceforwriting. InIDTStandardmode,everywordreadfromtheFIFO,
includingthefirst,mustberequestedusingaformalreadoperation.
Once the Reset (RS1) input is HIGH, a LOW on the BE/FWFT input
duringthenextLOW-to-HIGHtransitionofCLKA andCLKBwillselectFWFT
mode. ThismodeusestheOutputReadyfunction(OR)toindicatewhetheror
notthereisvaliddataatthedataoutputs(B0-B35). ItalsousestheInputReady
function (IR) to indicate whether or not the FIFO memory has any free space
for writing. In the FWFT mode, the first word written to an empty FIFO goes
directlytodataoutputs,noreadrequestnecessary. Subsequentwordsmust
be accessed by performing a formal read operation.
Following Reset, the level applied to the BE/FWFT input to choose the
desiredtimingmodemustremainstaticthroughoutFIFOoperation.Referto
Figure 3 (Reset) for a First Word Fall Through select timing diagram.
PROGRAMMING THE ALMOST-EMPTY AND ALMOST-FULL FLAGS
TworegistersintheIDT72V3653/72V3663/72V3673areusedtoholdthe
offsetvaluesfortheAlmost-EmptyandAlmost-Fullflags. TheAlmost-Emptyflag
(AE) Offset register is labeled X and Almost-Full flag (AF) Offset register is
labeledY.Theoffsetregisterscanbeloadedwithpresetvaluesduringthereset
of the FIFO, programmed in parallel using the FIFO’s Port A data inputs, or
programmedinserialusingtheSerialData(SD)input(seeTable1).FS2 FS0/
SD, and FS1/SEN function the same way in both IDT Standard and FWFT
modes.
SIGNAL DESCRIPTION
RESET (RS1, RS2)
Afterpowerup,aResetoperationmustbeperformedbyprovidingaLOW
pulse to RS1 and RS2 simultaneously. Afterwards, the FIFO memory of the
IDT72V3653/72V3663/72V3673 undergoes a complete reset by taking its
Reset(RS1andRS2)inputLOWforatleastfourPortAclock(CLKA)andfour
Port B clock (CLKB) LOW-to-HIGH transitions. The Reset inputs can switch
asynchronously to the clocks. A Reset initializes the internal read and write
pointersandforcestheFull/InputReadyflag(FF/IR)LOW,theEmpty/Output
Readyflag(EF/OR)LOW,theAlmost-Emptyflag(AE)LOW,andtheAlmost-
Full flag (AF) HIGH. A Reset (RS1) also forces the Mailbox flag (MBF1) of
the parallel mailbox register HIGH, and at the same time the RS2 and MBF2
operate likewise. After a Reset, the FIFO’s Full/Input Ready flag is set HIGH
aftertwowriteclockcyclestobeginnormaloperation.
A LOW-to-HIGH transition on the FlFO Reset (RS1) input latches the
valueoftheBig-Endian(BE)inputfordeterminingtheorderbywhichbytesare
transferredthroughPortB.
ALOW-to-HIGHtransitionontheFlFOReset(RS1)inputalsolatchesthe
valuesoftheFlagSelect(FS0,FS1andFS2)inputsforchoosingtheAlmost-
FullandAlmost-Emptyoffsetprogrammingmethod(fordetailsseeTable1,Flag
Programming, and Almost-Empty and Almost-Full flag offset programming
section). The relevant Reset timing diagram can be found in Figure 3.
PARTIAL RESET (PRS)
TheFIFOmemoryoftheIDT72V3653/72V3663/72V3673undergoesa
limited reset by taking its Partial Reset (PRS) input LOW for at least four Port
A clock (CLKA) and four Port B clock (CLKB) LOW-to-HIGH transitions. The
RTMpinmustbeLOWduringthetimeofPartialReset. ThePartialResetinput
canswitchasynchronouslytotheclocks. APartialResetinitializestheinternal
readandwritepointersandforcestheFull/InputReadyflag(FF/IR)LOW,the
Empty/Output Ready flag (EF/OR) LOW, the Almost-Empty flag (AE) LOW,
and the Almost-Full flag (AF) HIGH. A Partial Reset also forces the Mailbox
flag(MBF1,MBF2)oftheparallelmailboxregisterHIGH.AfteraPartialReset,
theFIFO’sFull/InputReadyflagissetHIGHaftertwoWriteClockcyclestobegin
normal operation. See Figure 4, Partial Reset (IDT Standard and FWFT
Modes)fortherelevanttimingdiagram.
Whateverflagoffsets,programmingmethod(parallelorserial),andtiming
mode(FWFTorIDTStandardmode)arecurrentlyselectedatthetimeaPartial
Resetisinitiated,thosesettingswillberemainunchangeduponcompletionof
the reset operation. A Partial Reset may be useful in the case where
reprogramming a FIFO following a Reset would be inconvenient.
RETRANSMIT (RT)
The FIFO memory of these devices undergoes a Retransmit by taking its
associated Retransmit (RT) input LOW for at least four Port A Clock (CLKA)
and four Port B Clock (CLKB) LOW-to-HIGH transitions. The Retransmit
initializesthereadpointerofFIFOtothefirstmemorylocation.
TheRTMpinmustbeHIGHduringthetimeofRetransmit.Notethatthe RT
inputismuxedwiththePRSinput,thestateoftheRTMpindeterminingwhether
thispinperformsaRetransmitoraPartialReset.SeeFigure19forRetransmit
(Standard IDT mode) and figure 20 for Retransmit (FWFT mode) timing
diagrams.
NOTE:
1. Either a HIGH or LOW can be applied to a “don’t care” input with no change to the logical operation of the FIFO. Nevertheless, inputs that are temporarily “don’t care” (along with unused
inputs) must not be left open, rather they must be either HIGH or LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com