Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 2Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 3Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 4Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 5Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 6Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 7Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 8Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 9Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR
TEMPERATURE RANGE (Unless otherwise noted)(1)
Symbol
Rating
Commercial
Unit
VCC
SupplyVoltageRange
–0.5 to +4.6
V
VI(2)
InputVoltageRange
–0.5toVCC+0.5
V
VO(2)
OutputVoltageRange
–0.5toVCC+0.5
V
IIK
Input Clamp Current (VI < 0 or VI > VCC)
±20
mA
IOK
Output Clamp Current (VO = < 0 or VO > VCC)
±50
mA
IOUT
Continuous Output Current (VO = 0 to VCC)
±50
mA
ICC
ContinuousCurrentThroughVCC orGND
±400
mA
TSTG
StorageTemperatureRange
–65to150
°C
NOTES:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these
or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability.
2. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
NOTES:
1. All typical values are at VCC = 3.3V, TA = 25°C.
2. For additional ICC information, see Figure 1, Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS).
3. Commercial-10ns speed grade only: Vcc = 3.3V
± 0.15V, TA = 0° to +70°; JEDEC JESD8-A compliant
4. Characterized values, not currently tested.
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING
FREE-AIR TEMPERATURE RANGE (Unless otherwise noted)
RECOMMENDED OPERATING CONDITIONS
IDT72V3653
IDT72V3663
IDT72V3673
Commercial
tCLK = 10, 15ns(3)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOH
OutputLogic"1"Voltage
VCC = 3.0V,
IOH = –4 mA
2.4
—
—
V
VOL
OutputLogic"0"Voltage
VCC = 3.0V,
IOL = 8 mA
—
—
0.5
V
ILI
Input Leakage Current (Any Input)
VCC = 3.6V,
VI = VCC or 0
—
—
10
μA
ILO
OutputLeakageCurrent
VCC = 3.6V,
VO = VCC or 0
—
—
10
μA
ICC3(2)
Standby Current (No Clocks running)
VCC = 3.6V,
VI = VCC - 0.2V or 0
—
—
1
mA
ICC2(2)
Standby Current (With CLKA & CLKB running) VCC = 3.6V,
VI = VCC - 0.2V or 0
—
—
5
mA
CIN(4)
InputCapacitance
VI = 0,
f = 1 MHz
—
4
—
pF
COUT(4) OutputCapacitance
VO = 0,
f = 1 MHZ
—
8
—
pF
Symbol
Parameter
Min. Typ.
Max.
Unit
VCC(1)
SupplyVoltagefor10ns
3.15
3.3
3.45
V
VCC
SupplyVoltagefor15ns
3.0
3.3
3.6
V
VIH
High-LevelInputVoltage
2
—
VCC+0.5
V
VIL
Low-LevelInputVoltage
—
—
0.8
V
IOH
High-LevelOutputCurrent
—
—
–4
mA
IOL
Low-LevelOutputCurrent
—
—
8
mA
TA
OperatingTemperature
0
—
70
°C
NOTES:
1. For 10ns speed grade: Vcc = 3.3V
± 0.15V, JEDEC JESD8-A compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com