Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V3653 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 8Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 9Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 10Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 11Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 12Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 13Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 14Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 15Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
Data is read from the FIFO to the B0-B35 outputs by a LOW-to-HIGH
transition of CLKB when CSB is LOW, W/RB is HIGH, ENB is HIGH, MBB is
LOW, and EF/OR is HIGH (see Table 3). FIFO reads on Port B are
independent of any concurrent writes on Port A.
The setup and hold time constraints to the port clocks for the port Chip
SelectsandWrite/Readselectsareonlyforenablingwriteandreadoperations
andarenotrelatedtohigh-impedancecontrolofthedataoutputs. Ifaportenable
isLOWduringaclockcycle,theport’sChipSelectandWrite/Readselectmay
change states during the setup and hold time window of the cycle.
When operating the FIFO in FWFT mode and the Output Ready flag is
LOW,thenextwordwrittenisautomaticallysenttotheFIFO’soutputregister
bytheLOW-to-HIGHtransitionoftheportclockthatsetstheOutputReadyflag
HIGH. WhentheOutputReadyflagisHIGH,dataresidingintheFIFO’smemory
array is clocked to the output register only when a read is selected using the
port’sChipSelect,Write/Readselect,Enable,andMailboxselect.
WhenoperatingtheFIFOinIDTStandardmode,regardlessofwhether
theEmptyFlagisLOWorHIGH,dataresidingintheFIFO’smemoryarrayis
clocked to the output register only when a read is selected using the port’s
Chip Select, Write/Read select, Enable, and Mailbox select. Port A Write
timing diagram can be found in Figure 7. Relevant Port B Read timing
diagrams together with Bus-Matching and Endian select can be found in
Figure 8, 9 and 10.
CSB
W/RB
ENB
MBB
CLKB
Data B (B0-B35) I/O
Port Functions
H
X
X
X
X
High-Impedance
None
L
L
L
X
X
Input
None
LL
H
L
↑
Input
None
LL
H
H
↑
Input
Mail2Write
L
H
L
L
X
Output
None
LH
H
L
↑
Output
FIFO read
L
H
L
H
X
Output
None
LH
H
H
↑
Output
Mail1 Read (Set MBF1 HIGH)
TABLE 3 — PORT-B ENABLE FUNCTION TABLE
CSA
W/RA
ENA
MBA
CLKA
Data A (A0-A35) I/O
Port Functions
H
X
X
X
X
High-Impedance
None
L
H
L
X
X
Input
None
LH
H
L
↑
Input
FIFOWrite
LH
H
H
↑
Input
Mail1Write
L
L
L
L
X
Output
None
LL
H
L
↑
Output
None
L
L
L
H
X
Output
None
LL
H
H
↑
Output
Mail2 Read (Set MBF2 HIGH)
TABLE 2 —
—
—
—
— PORT-A ENABLE FUNCTION TABLE
TABLE 4 — FIFO FLAG OPERATION (IDT STANDARD AND FWFT MODES)
Synchronized
Synchronized
Number of Words in FIFO(1,2)
to CLKB
to CLKA
IDT72V3653(3)
IDT72V3663(3)
IDT72V3673(3)
EF/OR
AE
AF
FF/IR
000
L
L
H
H
1 to X
1 to X
1 to X
H
L
H
H
(X+1)to[2,048-(Y+1)]
(X+1)to[4,096-(Y+1)]
(X+1)to[8,192-(Y+1)]
H
H
H
H
(2,048-Y)to2,047
(4,096-Y)to4,095
(8,192-Y)to8,191
H
H
L
H
2,048
4,096
8,192
H
H
L
L
NOTES:
1. When a word loaded to an empty FIFO is shifted to the output register, its previous FIFO memory location is free.
2. Data in the output register does not count as a "word in FIFO memory". Since in FWFT mode, the first word written to an empty FIFO goes unrequested to the output register (no
read operation necessary), it is not included in the memory count.
3. X is the Almost-Empty offset used by AE. Y is the Almost-Full offset used by AF. Both X and Y are selected during a FIFO reset or Port A programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com