Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATmega165P Datasheet HTML 3Page - ATMEL Corporation ATmega165P Datasheet HTML 4Page - ATMEL Corporation ATmega165P Datasheet HTML 5Page - ATMEL Corporation ATmega165P Datasheet HTML 6Page - ATMEL Corporation ATmega165P Datasheet HTML 7Page - ATMEL Corporation ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation ATmega165P Datasheet HTML 10Page - ATMEL Corporation ATmega165P Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
7
7903A – AVR – 2006/02
Sleep Power Consumption Techniques Incorporated by picoPower
Technology
Sleep is often considered the most important low power mode, particularly in applications
that spend the majority of their time active. Atmel’s picoPower technology employs a
number of techniques that result in the lowest sleep mode power consumption of any
microcontroller on the market today.
True 1.8V Supply Voltage
The processes used in AVR MCUs support a power supply voltage range from 1.8V to
5.5V. The 1.8V operation is a true 1.8V operation. Which means that all the analog
modules, Flash, EEPROM and RAM run at 1.8V. True 1.8V operation ensures less power
consumption as the consumption is the sum of current and voltage as well as allowing the
battery supply to drop to 1.8V before being out of range.
Minimized Leakage Current
The temperature, the supply voltage and the process affect the leakage current. Atmel has
used proprietary processes that have been specifically developed for low power operation
based on years of research and experience. The leakage current of picoPower AVRs is
less than 100 nA.
Taking the BOD to the Sleeping BOD
Although zero-power brown-out detectors (BOD), such as that used in TI
®’s MSP430, can
save a lot of power, they are notoriously slow and can require a millisecond to detect a
below-threshold voltage. The slow response time could put the controller at risk. Atmel’s
AVR BOD detects brown-out conditions in 2 microseconds but draws about 20 uA, adding
substantially to the Power Down current of 100 nA.
As part of the picoPower technology, Atmel has maintained the high performance and
relatively high current of the BOD and saved power by simply turning it off when it is not
needed. This approach results in the lowest overall power consumption and the highest
possible performance with accurate detection at 1.8V, 2.7V and 4.5V. In addition to the
slow response time on the MSP430, there is some concern that its detection level is only
1.4V, substantially lower than the 2.2V required to have all the controller’s features
available.
Since there is no need for the BOD while the MCU is in the deep sleep mode, the
picoPower BOD can be turned off in Extended Standby, Standby, Power Save and Power
Down modes.
The picoPower BOD-disable feature is enabled by the application using a two-step secure
operation and is fully automatic. When entering sleep, the BOD is disabled after the MCU
has entered the sleep mode, and enabled to verify that the power supply is sufficient
before the MCU is allowed to wake from sleep. If the power supply is not sufficient, the
MCU will enter a reset mode before any code execution takes place.
While in sleep mode, the only critical parameters to handle are the RAM and register
contents. On AVR microcontrollers these contents are valid until ~0.3V Vcc, while the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com