Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATmega165P Datasheet HTML 7Page - ATMEL Corporation ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation ATmega165P Datasheet HTML 10Page - ATMEL Corporation ATmega165P Datasheet HTML 11Page - ATMEL Corporation ATmega165P Datasheet HTML 12Page - ATMEL Corporation ATmega165P Datasheet HTML 13Page - ATMEL Corporation ATmega165P Datasheet HTML 14Page - ATMEL Corporation ATmega165P Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
11
7903A – AVR – 2006/02
•
The Extended Standby mode is the same as Power Save mode except that the main
oscillator is kept running.
The response time for wake-up from sleep mode is only six clock cycles when the internal
RC oscillator or an external clock is selected as the clock source. Power consumption
during the wake-up session is less than in Idle mode. This means that the AVR can wake-
up from sleep mode and re-enter the sleep mode again with extremely-low energy
consumption and spend a very short time during wakeup and active mode.
Clock Gating Level Two: Power Reduction Registers
The second level of clock gating is the Power Reduction Register (PRR). Many peripheral
modules are only used for a short period of time or not at all. The Power Reduction
Register contains control bits for disabling unused peripheral modules. The entire clock
distribution to disabled peripheral modules is gated. This is more powerful than just
disabling the module by its enable bit since the modules IO registers are disabled by the
PRR.
The Power Reduction Register is controlled by software that allows the user to turn on and
off peripheral modules at any time. The current state is frozen and all I/O registers are
inaccessible when the peripheral module is disabled by the Power Reduction Register.
When re-enabled, the peripheral module continues in the same state as before it was
disabled. Disabling one peripheral module results in a reduction of 5 to 10% of the total
power consumption in active mode and 10 to 20% of the total power consumption in Idle
mode.
Clock Gating Level Three: Automatic Clock Gating
Designs without clock gating update all registers every clock cycle. If no change has taken
place, the register is updated with its previous state, unnecessarily consuming power.
Automatic clock gating (or multi-level clock gating) only allows the clock through when an
update is required (i.e. when a value has changed). Rather than updating the register with
the previous state, the clock to the register is gated.
Figure 4: Design with and without automatic clock gating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com