Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation ATmega165P Datasheet HTML 10Page - ATMEL Corporation ATmega165P Datasheet HTML 11Page - ATMEL Corporation ATmega165P Datasheet HTML 12Page - ATMEL Corporation ATmega165P Datasheet HTML 13Page - ATMEL Corporation ATmega165P Datasheet HTML 14Page - ATMEL Corporation ATmega165P Datasheet HTML 15Page - ATMEL Corporation ATmega165P Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
12
7903A – AVR – 2006/02
One-phase Clock System
In many controllers, a significant amount of the overall power consumption is due to power
consumption used in the clock distribution. AVR microcontrollers feature a one-phase clock
system that reduces power consumption below that of a two-phase clock system.
Capacitive Load and Low Power IC Design Techniques
The AVR design flow is an optimized and power-driven design flow. State-of-the-art CAD
tools are used for synthesis, layout and validation.
Hold Time Buffers
It is necessary to infer hold time buffers in the data path between registers to compensate
for any clock skew between clock tree branches in a design. Hold time buffers consume
power due to capacitive load. The process of hold time buffer implementation in AVR
controllers is optimized to keep the amount of hold time buffers to an absolute minimum.
Toggle Information
Toggle information is collected on simulations of actual application code to identify areas of
the design that toggle the most. This information is used by the synthesis tool which
focuses to optimize those areas that toggle the most to reduce power consumption.
Low Power Processes and Libraries
Atmel Corporation manufactures AVR microcontrollers using proprietary low-leakage flash
processes and design libraries that contain many complex cells. Complex cells have
shorter wires that give much lower capacitive loading and less toggling due to an optimized
structure with fewer transistors. Figure 5 shows a simple example of a complex cell
compared to simple cells.
Figure 5: Complex cell example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com