Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation ATmega165P Datasheet HTML 10Page - ATMEL Corporation ATmega165P Datasheet HTML 11Page - ATMEL Corporation ATmega165P Datasheet HTML 12Page - ATMEL Corporation ATmega165P Datasheet HTML 13Page - ATMEL Corporation ATmega165P Datasheet HTML 14Page - ATMEL Corporation ATmega165P Datasheet HTML 15Page - ATMEL Corporation ATmega165P Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
13
7903A – AVR – 2006/02
Ultra Low Power Memory
There is often a trade-off between power consumption and robustness, accuracy, speed
and fast start-up time in analog modules. The analog modules therefore require other
methods differing from the digital designs to maintain good performance and still achieve
low power consumption. AVR MCUs feature high-quality analog modules with more current
consumption, but turns them off whenever they are not in use. This approach minimizes
current consumption without sacrificing accuracy or performance.
Flash Memory Power Consumption and Flash Sampling
Flash memory is an analog bloc with a static current consumption. Traditional Flash
memory designs are always enabled while in active mode. However, at low clock
frequencies the Flash read time is less than the clock period so it can be disabled to
significantly reduced power consumption. When the clock is running at a few MHz or less,
AVR controllers use a technique called “Flash sampling” that enables the Flash for only
about 10 nanoseconds to sample the array’s contents and then immediately disables it
thereby, reducing average power consumption. (Figure 6).
Figure 6: Flash sampling system
Figure 7: Flash Sampling vs Flash Always On
The Flash sampling technique enables a robust, low power Flash design that operates
from 1.8 to 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com