Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation ATmega165P Datasheet HTML 10Page - ATMEL Corporation ATmega165P Datasheet HTML 11Page - ATMEL Corporation ATmega165P Datasheet HTML 12Page - ATMEL Corporation ATmega165P Datasheet HTML 13Page - ATMEL Corporation ATmega165P Datasheet HTML 14Page - ATMEL Corporation ATmega165P Datasheet HTML 15Page - ATMEL Corporation ATmega165P Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
14
7903A – AVR – 2006/02
True 1.8V Memory Operation
The processes used in AVR MCUs support a power supply voltage range from 1.8 to 5.5V.
The 1.8V operation is a true 1.8V operation. This means that all the analog modules,
Flash, EEPROM and RAM run at 1.8V enabling really low power applications. The wide
power supply range utilizes the complete battery life in a battery-driven application.
Pin Leakage and Digital Input Disable Register
AVR controllers mix ADC and digital I/O on the same pins. Using one ADC and a
multiplexed input, the microcontroller scans a number of pins. Multiplexing adds flexibility
to low pin-count devices but raises increase power consumption. A digital input is basically
built by two transistors, creating an input buffer as shown in Figure 8. As long as valid high
or low voltage levels are applied to the buffer, there is no problem. However, applying
voltages in the area of Vcc/2 will create a leakage current through the buffer as both
transistors will open slightly.
Figure 8: AVR mixed analog and digital I/O
Since the analog voltage level present at the input adds static power consumption, it is
important that the microcontroller be able to disable the digital input. Automatic disabling
based on the ADC’s multiplexer is not possible since the multiplexer is controlled by the
microcontroller’s firmware and is not predictable by the microcontroller itself. AVR
controllers solve this problem with a Dedicated Input Disable Register, DIDR, with one
disable bit per analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com