Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 5 Page - ATMEL Corporation

  ATmega165P Datasheet HTML 1Page - ATMEL Corporation ATmega165P Datasheet HTML 2Page - ATMEL Corporation ATmega165P Datasheet HTML 3Page - ATMEL Corporation ATmega165P Datasheet HTML 4Page - ATMEL Corporation ATmega165P Datasheet HTML 5Page - ATMEL Corporation ATmega165P Datasheet HTML 6Page - ATMEL Corporation ATmega165P Datasheet HTML 7Page - ATMEL Corporation ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
5
7903A – AVR – 2006/02
How to Lower Power Consumption in Sleep Mode
Modern microcontrollers are built on digital CMOS logic that is in theory, only consuming
power when the logical or clock signals are changing state. A signal is toggled when it has
a transition from “0” to “1” or vice versa. Based on this theory, sleep current consumption
should be equal to zero. In real life, the picture is a bit more complex. Although sleep mode
power consumption approaches zero, current leakage and peripherals that remain active
can consume quite a bit of power.
Leakage Current
The temperature, the supply voltage and the process technology affect the leakage
current. Some microcontroller manufacturers use proprietary processes specifically
developed for low power operation based on years of research and experience. These
processes can provide sleep currents down to 100 nA due to the power-optimized process
and the ability to operate at a true 1.8V supply voltage. Some microcontrollers that claim
1.8V operation voltage actually must use voltages as high a 2.2V for analog modules or
flash writing to work properly. Atmel offers true 1.8V operation in which the memories and
analog modules all operate at 1.8V. Caution should be used when evaluating a
microcontroller’s supply voltage specifications to verify that the supply voltage is a “true”
1.8V.
The trend of smaller and smaller process technologies has become very popular in recent
years because they allow faster clocks and smaller die sizes. However, current leakage is
one of the real disadvantages of aggressive processes with small geometries. The rule of
thumb is that the leakage, and thus the sleep current, increase as the process geometries
decrease.
Process is also used very loosely. All microcontrollers are not usually made using a single
process but with several different processes that are specialized for different sections of
the device. The processes used for 8- and 16-bit microcontrollers typically range are from
0.50 down to 0.15 micron.
Active Peripherals
The biggest contributors to sleep mode power consumption are active peripherals.
Enabling internal analog or digital modules can cause a significant increase in the overall
current consumption but can be difficult to evaluate. While well-documented
microcontrollers describe this additional current consumption in their datasheet, others
claim that this current consumption equals zero. This is very seldom a correct statement
especially when it comes to analog features. When it is correct, the zero power features is
likely to have poor performance. The power consumption in digital logic is mainly due to
the toggling frequency, the capacitive load, and the supply voltage. The power
consumption in analog modules is, on the other hand, static. There is often a trade-off
between power consumption and robustness, accuracy, speed and fast start-up time in
analog modules. Decreasing power consumption also often decreases the quality of the
analog module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com