Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 1 Page - ATMEL Corporation

  ATmega165P Datasheet HTML 1Page - ATMEL Corporation ATmega165P Datasheet HTML 2Page - ATMEL Corporation ATmega165P Datasheet HTML 3Page - ATMEL Corporation ATmega165P Datasheet HTML 4Page - ATMEL Corporation ATmega165P Datasheet HTML 5Page - ATMEL Corporation ATmega165P Datasheet HTML 6Page - ATMEL Corporation ATmega165P Datasheet HTML 7Page - ATMEL Corporation ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Atmel Corporation
• 2325 Orchard Parkway • San Jose, CA 95131
TEL (408) 441-0311
• FAX (408) 487-2600 • Web Site: http://www.atmel.com
Innovative Techniques for Extremely Low Power Consumption
with 8-bit Microcontrollers
Arne Martin Holberg, AVR Project Manager
and
Asmund Saetre, AVR Marketing Manager
Summary
With the increasing use of microcontrollers in all sorts off applications, low power has become an
very important parameter when choosing microcontrollers. Today’s microcontroller designs are
often battery or signal wire powered applications replacing passive or mechanical components.
Common for them all is the requirement of very low power consumption but with enough power to
fill the specification of the product. This white paper will highlight some of the challenges of
modern microcontroller design and how the new picoPower™ techniques used in the Atmel
®
AVR
® microcontroller is addressing them.


Similar Part No. - ATmega165P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA165P ATMEL-ATMEGA165P Datasheet
3Mb / 365P
8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P Datasheet
274Kb / 21P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P Datasheet
3Mb / 368P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P Datasheet
363Kb / 20P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P Datasheet
698Kb / 364P
High Performance, Low Power Atmel
More results

Similar Description - ATmega165P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CL31 PHILIPS-P80CL31 Datasheet
305Kb / 68P
Low voltage 8-bit microcontrollers with UART
1997 Apr 15
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
8-bit Microcontrollers
logo
InnovASIC, Inc
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
16-Bit/8-Bit Microcontrollers with RAM
logo
STMicroelectronics
AN1015 STMICROELECTRONICS-AN1015 Datasheet
347Kb / 19P
Software techniques for improving microcontrollers EMC performance
24-Jun-2014
AN4538 STMICROELECTRONICS-AN4538 Datasheet
813Kb / 25P
Power consumption optimization with STM32F3xx microcontrollers
06-Jan-2015
logo
Golledge Electronics Lt...
GXO-U115G GOLLEDGE-GXO-U115G Datasheet
588Kb / 5P
1.8V 5x3mm Oscillator with Extremely Low Current Consumption
GXO-U115J GOLLEDGE-GXO-U115J Datasheet
592Kb / 5P
2.5V 5x3mm Oscillator with Extremely Low Current Consumption
GXO-U115L GOLLEDGE-GXO-U115L Datasheet
592Kb / 5P
3.3V 5x3mm Oscillator with Extremely Low Current Consumption
logo
Quectel Wireless Soluti...
L76-L QUECTEL-L76-L Datasheet
1Mb / 2P
Extremely Compact GNSS Module with Ultra Low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com