Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 4 Page - ATMEL Corporation

  ATmega165P Datasheet HTML 1Page - ATMEL Corporation ATmega165P Datasheet HTML 2Page - ATMEL Corporation ATmega165P Datasheet HTML 3Page - ATMEL Corporation ATmega165P Datasheet HTML 4Page - ATMEL Corporation ATmega165P Datasheet HTML 5Page - ATMEL Corporation ATmega165P Datasheet HTML 6Page - ATMEL Corporation ATmega165P Datasheet HTML 7Page - ATMEL Corporation ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
4
7903A – AVR – 2006/02
time. Idle mode is a shallow sleep mode where only parts of the device are shut down but
the main parts of the microcontroller are running.
The advantage of having multiple sleep modes is the flexibility it provides to shut down any
part of the microcontroller that is not absolutely necessary to the function at hand. The
amount of power that can be saved depends on the mode being using. For example with a
1.8V supply voltage operating at 1 MHz and 25ºC, Atmel’s ATmega165P AVR controller
consumes 340 uA in Active mode, 150 uA in Idle mode, 0.65 uA in Power Save mode and
a scant 0.1 uA in Power Down mode.
Figure 1: Power budget
Since a microcontroller can spend substantial amounts of time inactive, it is important to
consider power consumption in sleep modes as well as active power consumption. Many
designers use a power budget to determine the average power consumption and to
calculate the battery requirements.
Although a great deal of attention is paid to active power consumption, the most important
mode to consider really depends on the duty cycle between the various sleep and active
modes. In applications such as thermostats, keyless entry, or security systems the
processor spends most of its time idle. For these applications, sleep mode may represent
the lion’s share of power consumption and will be the most important parameter to
consider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com