Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATmega165P Datasheet HTML 6Page - ATMEL Corporation ATmega165P Datasheet HTML 7Page - ATMEL Corporation ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation ATmega165P Datasheet HTML 10Page - ATMEL Corporation ATmega165P Datasheet HTML 11Page - ATMEL Corporation ATmega165P Datasheet HTML 12Page - ATMEL Corporation ATmega165P Datasheet HTML 13Page - ATMEL Corporation ATmega165P Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
10
7903A – AVR – 2006/02
The AVR features three main levels of clock gating.
Figure 3: Three main levels of clock gating
Clock Gating Level One: Sleep Functionality
The first level of clock gating are the sleep modes that have always existed on the AVR.
The sleep modes gate the clock distribution to a group of functionality thereby enabling
different levels of sleep and functionality.
•
Idle mode gates the CPU clock domain and the Flash clock domain while the
peripherals and interrupt system continue to operate.
•
The ADC noise reduction mode allows the ADC to operate while most of the peripheral
clock domains, in addition to the CPU clock domain, and the Flash clock domain are
gated.
•
The Power Down mode gates all clock domains on the AVR and only enabled
asynchronous operation is allowed. The external oscillator is also stopped in Power
Down mode.
•
The Power Save mode is the same as Power Down mode except that the
asynchronous timer can operate when it is enabled.
•
The Standby mode is the same as Power Down mode except that the main oscillator is
kept running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com