Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 2 Page - ATMEL Corporation

  ATmega165P Datasheet HTML 1Page - ATMEL Corporation ATmega165P Datasheet HTML 2Page - ATMEL Corporation ATmega165P Datasheet HTML 3Page - ATMEL Corporation ATmega165P Datasheet HTML 4Page - ATMEL Corporation ATmega165P Datasheet HTML 5Page - ATMEL Corporation ATmega165P Datasheet HTML 6Page - ATMEL Corporation ATmega165P Datasheet HTML 7Page - ATMEL Corporation ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
2
7903A – AVR – 2006/02
Table of Contents
Introduction to Power Consumption of MCUs ........................................ 3
Why is Low Power Important? .......................................................................................3
Low Power Parameters ..................................................................................................3
Active versus Sleep........................................................................................................3
How to Lower Power Consumption in Sleep Mode ................................ 5
Leakage Current.............................................................................................................5
Active Peripherals ..........................................................................................................5
The 32 kHz Crystal Oscillator.........................................................................................6
Very Low-power Oscillators versus 32 kHz Oscillators..................................................6
The AVR picoPower Technology ............................................................. 6
Sleep Power Consumption Techniques Incorporated by picoPower Technology .........7
Active Mode Power Consumption Techniques Incorporated ..........................................
by picoPower Technology ..............................................................................................9
Conclusion....................................................................................................................15
Editor's Notes .......................................................................................... 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com