Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 3 Page - ATMEL Corporation

  ATmega165P Datasheet HTML 1Page - ATMEL Corporation ATmega165P Datasheet HTML 2Page - ATMEL Corporation ATmega165P Datasheet HTML 3Page - ATMEL Corporation ATmega165P Datasheet HTML 4Page - ATMEL Corporation ATmega165P Datasheet HTML 5Page - ATMEL Corporation ATmega165P Datasheet HTML 6Page - ATMEL Corporation ATmega165P Datasheet HTML 7Page - ATMEL Corporation ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
3
7903A – AVR – 2006/02
Introduction to Power Consumption of MCUs
Why is Low Power Important?
In the same way that fuel consumption is important in everything from scooters to oil
tankers, power consumption is a key parameter in most electronics applications. The most
obvious applications for which power consumption is critical are battery-powered
applications, such as home thermostats and security systems, in which the battery must
last for years. Low power also leads to smaller power supplies, less expensive batteries,
and enables products to be powered by signal lines (such as fire alarm wires) lowering the
cost of the end-product. As a result, low power consumption has become a key parameter
of microcontroller designs.
Low Power Parameters
Although power consumption is the product of operating voltage (Vcc) multiplied by the
current consumption (Icc), current consumption is usually the only measure considered
when describing the power characteristics of a chip. This is a mistake because decreasing
the operating voltage directly reduces the current consumption and the overall power drain.
Current consumption increases directly with the system clock frequency so keeping the
system clock as low as possible is critical to keeping power consumption down. The clock
frequency is affected by a number of factors that include the microcontroller’s surroundings
and peripheral set as well as the architecture and the instruction set. RISC microcontrollers
typically execute in a single clock cycle but some architectures divide the clock down in the
same way as CISC architectures do before feeding it to the CPU. This situation leads to
confusion about what clock frequency is really required to execute the target application.
Designers should pay close attention to the Instruction set architecture when reading the
current consumption numbers in a microcontroller’s datasheet.
Most datasheets provide power consumption numbers for the microcontroller with no
peripherals running. The additional current drawn by the peripherals must be taken into
account since all MCUs have peripherals and their contribution to power drain can be
significant.
Temperature is another factor. Since higher temperatures lead to higher power
consumption, designers should always consider the power numbers for worst-case
temperatures.
Active versus Sleep
In many applications, the processor does not run continuously and peripherals may be idle
much of the time. The overall power consumption can be lowered by taking advantage of
various “sleep” modes available on virtually all processors. The most common sleep
modes are Power Down” (PWD), Power Save (PS) and Idle.
In Power Down mode everything is shut down, including the clock source. In Power Save
mode everything is turned off except a 32 kHz clock running from a crystal to keep track of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com