Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATmega165P Datasheet HTML 2Page - ATMEL Corporation ATmega165P Datasheet HTML 3Page - ATMEL Corporation ATmega165P Datasheet HTML 4Page - ATMEL Corporation ATmega165P Datasheet HTML 5Page - ATMEL Corporation ATmega165P Datasheet HTML 6Page - ATMEL Corporation ATmega165P Datasheet HTML 7Page - ATMEL Corporation ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation ATmega165P Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
6
7903A – AVR – 2006/02
The single-most important analog module in terms of power consumption during a sleep
mode is the brown-out detector (BOD). A BOD protects the microcontroller when the
supply voltage falls below its operating threshold by resetting the device. This keeps the
microcontroller in a defined state when the Vcc is below its operating threshold. The BOD
is not important to the microcontroller while it’s in sleep mode but it is extremely important
when it wakes up. Therefore, as a rule, most microcontrollers keep the BOD active during
sleep mode and it contributes substantially to sleep mode power consumption.
There are two ways of getting around BOD power consumption in sleep: making a “zero-
power” BOD or turning the BOD off altogether.
Since the BOD must be functional when the controller wakes up, making a zero-power
BOD may seem like the most attractive option. However, lowering the power to the analog
module can make it very slow and make it respond too slowly to an out-of-range voltage
supply. Since the microcontroller is not running any code or writing or erasing the Flash or
EEPROM in sleep mode, the BOD is not really necessary. However, it does need to be
operational the moment the controller wakes up. The solution to this problem is to have the
microcontroller shut down the BOD when it enters sleep mode and start it again just
before leaving sleep mode. This approach ensures the BOD is functioning when it is
needed without any current penalty while in sleep mode.
The 32 kHz Crystal Oscillator
In many applications, the time spent in active mode is insignificant compared to the time
spent in power save mode with everything turned off except a real-time clock and the
brown-out detector. In these applications, the power consumed in Power Save mode (sum
of PWD, BOD and the 32 kHz oscillator) is the most significant contributor to overall power
consumption. Therefore, lowering the current consumption of the 32 kHz oscillator can
significantly reduce overall system power consumption. Designers should be very thorough
in evaluating the current consumed with the crystal oscillator running.
Very Low-power Oscillators versus 32 kHz Oscillators
There are, in general, two ways of timed wake from deep sleep: either by a RTC or by very
low power oscillators (VLO). The difference between them is mainly the accuracy. The
RTC allows proper timing due to the very accurate 32 kHz oscillator while a VLO is very
inaccurate and not suited for time-critical functions.
The AVR picoPower Technology
The increasing use of battery and signal line powered applications mandate low power
solutions. Atmel has spent the last decade refining its technologies and architectures to
achieve the industry’s lowest power consumption. The culmination of this effort is its new
picoPower technology which will be implemented in new ultra low-power 8-bit RISC AVR
microcontrollers to be introduced during 2006.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com