Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATmega165P Datasheet HTML 4Page - ATMEL Corporation ATmega165P Datasheet HTML 5Page - ATMEL Corporation ATmega165P Datasheet HTML 6Page - ATMEL Corporation ATmega165P Datasheet HTML 7Page - ATMEL Corporation ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation ATmega165P Datasheet HTML 10Page - ATMEL Corporation ATmega165P Datasheet HTML 11Page - ATMEL Corporation ATmega165P Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
8
7903A – AVR – 2006/02
AVR’s Power-on Reset (POR) triggers at ~1.0V. If a power supply voltage drop should
occur while in sleep mode with the BOD disabled, the SRAM and register contents will be
valid until a POR occurs. A POR will enable the BOD again and set the POR flag to be
read by the application firmware.
The BOD disable feature completely eliminates any power consumption penalty for the
BOD during sleep mode and the MCU has full protection in active mode.
Ultra Low Power 32 kHz Crystal Oscillator
Since the time spent in active mode can be insignificant compared to the time spent in
Power Save mode, Power Save mode is often the most important power consumption
characteristic of a microcontroller. The latest 32 kHz crystal oscillator design utilized in the
AVR MCUs reduces the current consumption in Power Save mode to a level comparable
to Power Down mode.
Competing microcontrollers offer Power Save current consumption as low as 700 nA,
including the oscillator and BOD. With a supply voltage of 1.8 volts, the AVR picoPower
technology achieves the industry’s lowest Power Save current consumption of 650 nA with
the 32 kHz oscillator running and a sleeping BOD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com