Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATmega165P Datasheet HTML 5Page - ATMEL Corporation ATmega165P Datasheet HTML 6Page - ATMEL Corporation ATmega165P Datasheet HTML 7Page - ATMEL Corporation ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation ATmega165P Datasheet HTML 10Page - ATMEL Corporation ATmega165P Datasheet HTML 11Page - ATMEL Corporation ATmega165P Datasheet HTML 12Page - ATMEL Corporation ATmega165P Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
9
7903A – AVR – 2006/02
Active Mode Power Consumption Techniques Incorporated by
picoPower Technology
In theory, digital CMOS logic consumes power only when the logical signals or the clock
signals are toggling. A signal is toggled when it has a transition from “0” to “1” or a
transition from “1” to “0”. When all the digital signals are static, like in Power Down mode,
only leakage current and current used to enabled analog modules is consumed.
The power consumption in an MCU can be calculated with the following equation:
P = ½ * FToggle * CLoad * VDD2
Where FToggle is the toggling frequency, CLoad is the capacitive load and VDD is the supply
voltage. In addition a small adder is made by the digital logic’s leakage current and the
current consumed by analog modules in idle mode but this minor components in active
current consumption.
Toggling Frequency
The toggling frequency for a given device can be seen as the number of gates toggling to
achieve a certain task. This can be reduced by minimizing both the number of gates and
the number of times each gate needs to toggle.
Clock Gating
Clock gating is used to reduce the toggling frequency. A clock signal can be stopped using
a gating element. Any clock distribution or clock domain that is gated is frozen and won’t
consume any power. A gating element must handle any spike issue on the clock signal.
The principle of clock gating is depicted in Figure 2.
Figure 2: Clock gating principle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com