Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165P Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATmega165P
Description  Innovative Techniques for Extremely Low Power Consumption with 8-bit Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165P Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATmega165P Datasheet HTML 8Page - ATMEL Corporation ATmega165P Datasheet HTML 9Page - ATMEL Corporation ATmega165P Datasheet HTML 10Page - ATMEL Corporation ATmega165P Datasheet HTML 11Page - ATMEL Corporation ATmega165P Datasheet HTML 12Page - ATMEL Corporation ATmega165P Datasheet HTML 13Page - ATMEL Corporation ATmega165P Datasheet HTML 14Page - ATMEL Corporation ATmega165P Datasheet HTML 15Page - ATMEL Corporation ATmega165P Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LOW POWER TECHNIQUES FOR MICROCONTROLLERS
15
7903A – AVR – 2006/02
The digital input buffers are automatically disabled when sleep mode is entered except for
those pins used by the input signal to wake the MCU from a sleep mode. The DIDR
contributes to decreased overall power consumption.
Conclusion
At the end of the day, power consumption is about numbers and picoPower numbers
speak for themselves. The table below compares the leading low-power microcontrollers,
TI MSP430Fxxx and Atmel’s picoPower AVRs.
Power Save Current Consumption with 32 kHz Running
Device
Typical
2.2V @25°C
Maximum
2.2V @85°C
Comment
MSP430F435
1.1 uA
6 uA
With zero power BOR
MSP430F2131
0.8 uA
2.3 uA
With zero power BOR
ATmega165P
0.65 uA
NA
With Sleeping BOD
Power Down Current Consumption
Device
Typical
3.0V/5.0V @25°C
Maximum
3.0V/5.0V @85°C
Comment
78KO/Kx2 5.0V
NA / 1 uA
NA / 20 uA
3.0V numbers not available
R8C/tiny 3.0/5.0V
0.7 uA/ 0.8 uA
3 uA/ 3 uA
MSP430F4xxx
0.1 uA / NA
3.5 uA/ NA
Max 3.6V Vcc
MSP430F2xxx
0.1 uA / NA
1.9 uA/ NA
Max 3.6V Vcc
ATmega165P
0.1 uA / 0.6 uA
2 uA/ NA
5.0V numbers not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com