Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 17Page - Advanced Micro Devices AM79C970 Datasheet HTML 18Page - Advanced Micro Devices AM79C970 Datasheet HTML 19Page - Advanced Micro Devices AM79C970 Datasheet HTML 20Page - Advanced Micro Devices AM79C970 Datasheet HTML 21Page - Advanced Micro Devices AM79C970 Datasheet HTML 22Page - Advanced Micro Devices AM79C970 Datasheet HTML 23Page - Advanced Micro Devices AM79C970 Datasheet HTML 24Page - Advanced Micro Devices AM79C970 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 168 page
background image
AMD
P R E L I M I N A R Y
1-888
Am79C970
DETAILED FUNCTIONS
Bus Interface Unit (BIU)
The bus interface unit is built of several state machines
that run synchronously to CLK. One bus interface unit
state machine handles accesses where the PCnet-PCI
controller is the bus slave, and another handles ac-
cesses where the PCnet-PCI controller is the bus mas-
ter. All inputs are synchronously sampled. All outputs
are synchronously generated on the rising edge of CLK.
Bus Acquisition
The PCnet-PCI microcode (in the buffer management
section) will determine when a DMA transfer should be
initiated. The first step in any PCnet-PCI bus master
transfer is to acquire ownership of the bus. This task is
handled by synchronous logic within the BIU. Bus own-
ership is requested with the
REQ signal and ownership
is granted by the arbiter through the
GNT signal.
Figure 1 shows the PCnet-PCI controller bus acquisi-
tion.
GNT is asserted at clock 3. The PCnet-PCI control-
ler starts driving AD[31:00] and C/
BE[3:0] prior to clock
4.
FRAME is asserted at clock 5 indicating a valid ad-
dress and command on AD[31:00] and C/
BE[3:0].
ADSTEP (bit 7) in the PCI Command register is set to
ONE to indicated that the PCnet-PCI controller uses ad-
dress stepping. Address stepping in only used for the
first address phase of a bus master period.
18220C-3
FRAME
CLK
AD
C/
BE
REQ
GNT
12345
ADDR
CMD
Figure 1. Bus Acquisition
Note that assertion of the STOP bit in CSR0 will not
cause a deassertion of the
REQ signal. Note also that a
read of the RESET register, (I/O resource at offset 14h
from the PCnet-PCI I/O base address) will not cause a
deassertion of the
REQ signal. Either of these actions
will cause the internal master state machine logic to
cease operations, but the
REQ signal will remain active
until the
GNT signal is asserted. Following either of the
above actions, on the next clock cycle after the
GNT sig-
nal is asserted, the PCnet-PCI controller will deassert
the
REQ signal.
Assertion of a minimum-width pulse on the
RST pin will
cause the
REQ signal to deassert immediately following
the assertion of the
RST pin. In this case, the PCnet-PCI
controller will not wait for the assertion of the
GNT signal
before deasserting the
REQ signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com