Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 45Page - Advanced Micro Devices AM79C970 Datasheet HTML 46Page - Advanced Micro Devices AM79C970 Datasheet HTML 47Page - Advanced Micro Devices AM79C970 Datasheet HTML 48Page - Advanced Micro Devices AM79C970 Datasheet HTML 49Page - Advanced Micro Devices AM79C970 Datasheet HTML 50Page - Advanced Micro Devices AM79C970 Datasheet HTML 51Page - Advanced Micro Devices AM79C970 Datasheet HTML 52Page - Advanced Micro Devices AM79C970 Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 168 page
background image
AMD
P R E L I M I N A R Y
1-916
Am79C970
Polling
If there is no network channel activity and there is no
pre- or post-receive or pre- or post-transmit activity be-
ing performed by the PCnet-PCI controller, then the
PCnet-PCI controller will periodically poll the current re-
ceive and transmit descriptor entries in order to ascer-
tain their ownership. If the DPOLL bit in CSR4 is set,
then the transmit polling function is disabled.
A typical polling operation consists of the following: The
PCnet-PCI controller will use the current receive de-
scriptor address stored internally to vector to the appro-
priate Receive Descriptor Table Entry (RDTE). It will
then use the current transmit descriptor address (stored
internally) to vector to the appropriate Transmit Descrip-
tor Table Entry (TDTE). The accesses will be made in
the following order: RMD1, then RMD0 of the current
RDTE during one bus arbitration, and after that, TMD1,
then TMD0 of the current TDTE during a second bus ar-
bitration. All information collected during polling activity
will be stored internally in the appropriate CSRs. (i.e.
CSR18, CSR19, CSR20, CSR21, CSR40, CSR42,
CSR50, CSR52). UnOWNed descriptor status will be in-
ternally ignored.
A typical receive poll is the product of the following
conditions:
1. PCnet-PCI controller does not possess ownership
of the current RDTE and the poll time has elapsed
and RXON=1 (CSR0, bit 5), or
2. PCnet-PCI controller does not possess ownership
of the next RDTE the poll time has elapsed and
RXON=1.
If RXON=0 the PCnet-PCI controller will never poll
RDTE locations.
The ideal system should always have at least one RDTE
available for the possibility of an unpredictable receive
event. (This condition is not a requirement. If this condi-
tion is not met, it simply means that frames will be
missed by the system because there was no buffer
space available.) But the typical system usually has at
least one or two RDTEs available for the possibility of an
unpredictable receive event. Given that this condition is
satisfied, the current and next RDTE polls are rarely
seen and hence, the typical poll operation simply con-
sists of a check of the status of the current TDTE. When
there is only one RDTE (because the RLEN was set to
ZERO), then there is no “next RDTE” and ownership of
“next RDTE” cannot be checked. If there is at least one
RDTE, the RDTE poll will rarely be seen and the typical
poll operation simply consists of a check of the
current TDTE.
A typical transmit poll is the product of the following
conditions:
1. PCnet-PCI controller does not possess ownership
of the current TDTE and
DPOLL=0 (CSR4, bit 2) and
TXON=1 (CSR0, bit 4) and
the poll time has elapsed, or
2. PCnet-PCI controller does not possess ownership
of the current TDTE and
DPOLL=0 and
TXON=1 and
a frame has just been received, or
3. PCnet-PCI controller does not possess ownership
of the current TDTE and
DPOLL=0 and
TXON=1 and
a frame has just been transmitted.
Setting the TDMD bit of CSR0 will cause the microcode
controller to exit the poll counting code and immediately
perform a polling operation. If RDTE ownership has not
been previously established, then an RDTE poll will be
performed ahead of the TDTE poll. If the microcode is
not executing the poll counting code when the TDMD bit
is set, then the demanded poll of the TDTE will be de-
layed
until
the
microcode
returns
to
the
poll
counting code.
The user may change the poll time value from the de-
fault of 65,536 clock periods by modifying the value in
the Polling Interval register (CSR47). Note that if a non–
default value is desired, then a strict sequence of setting
the INIT bit in CSR0, waiting for IDONE, then writing to
CSR47, and then setting STRT in CSR0 must be ob-
served, otherwise the default value will not be overwrit-
ten. See the CSR47 section for details.
Transmit Descriptor Table Entry (TDTE)
If, after a TDTE access, the PCnet-PCI controller finds
that the OWN bit of that TDTE is not set, then the PCnet-
PCI controller resumes the poll time count and
reexamines the same TDTE at the next expiration of the
poll time count.
If the OWN bit of the TDTE is set, but Start of Frame
(STP) bit is not set, the PCnet-PCI controller will imme-
diately request the bus in order to reset the OWN bit of
this descriptor. (This condition would normally be found
following a LCOL or RETRY error that occurred in the
middle of a transmit frame chain of buffers.) After reset-
ting the OWN bit of this descriptor, the PCnet-PCI con-
troller will again immediately request the bus in order to
access the next TDTE location in the ring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com