Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 86Page - Advanced Micro Devices AM79C970 Datasheet HTML 87Page - Advanced Micro Devices AM79C970 Datasheet HTML 88Page - Advanced Micro Devices AM79C970 Datasheet HTML 89Page - Advanced Micro Devices AM79C970 Datasheet HTML 90Page - Advanced Micro Devices AM79C970 Datasheet HTML 91Page - Advanced Micro Devices AM79C970 Datasheet HTML 92Page - Advanced Micro Devices AM79C970 Datasheet HTML 93Page - Advanced Micro Devices AM79C970 Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 168 page
background image
P R E L I M I N A R Y
AMD
1-957
Am79C970
will always be written to a sepa-
rate memory area. The interrupt
is generated when the “header”
bytes have been written to the
“header” memory area.
Read/Write accessible always.
The LAPPEN bit will be reset to
ZERO
by
H_RESET
or
S_RESET and will be unaffected
by STOP.
See Appendix D for more infor-
mation on the LAPP concept.
4
DXMT2PD
Disable Transmit Two Part De-
ferral (see Medium Allocation
section in Media Access Man-
agement fro more details). If
DXMT2PD is set, Transmit Two
Part Deferral will be disabled.
Read/Write accessible always.
DXMT2PD is cleared by H_RE-
SET or S_RESET and is not af-
fected by STOP.
3
EMBA
Enable Modified Back-off Algo-
rithm (see Contention Resolution
section in Media Access Man-
agement for more details). If
EMBA is set, a modified back-off
algorithm is implemented.
Read/Write accessible always.
EMBA is cleared by H_RESET or
S_RESET and is not affected by
STOP.
2
BSWP
Byte Swap. This bit is used to
choose between big and little En-
dian modes of operation. When
BSWP is set to a ONE, big En-
dian mode is selected. When
BSWP is set to ZERO, little En-
dian mode is selected.
When big Endian mode is se-
lected, the PCnet-PCI controller
will swap the order of bytes on
the AD bus during a data phase
on accesses to the FIFOs only.
Specifically, AD[31:24] becomes
BYTE0,
AD[23:16]
becomes
BYTE1,
AD[15:8]
becomes
BYTE2 and AD[7:0] becomes
BYTE3 when big Endian mode is
selected.
When
little
Endian
mode is selected, the order of
bytes on the AD bus during a data
phase is: AD[31:24] is BYTE3,
AD[23:16] is BYTE2, AD[15:8] is
BYTE1 and AD[7:0] is BYTE0.
Byte swap only affects data
transfers that involve the FIFOs.
Initialization block transfers are
not affected by the setting of the
BSWP bit. Descriptor transfers
are not affected by the setting of
the BSWP bit. RDP, RAP and
BDP accesses are not affected
by the setting of the BSWP bit.
APROM transfers are not af-
fected by the setting of the BSWP
bit.
Note that the byte ordering of the
PCI bus is defined to be little en-
dian. BSWP must not be set to
ONE when the PCnet-PCI con-
troller operates in a PCI system.
BSWP is write/readable regard-
less of the state of the STOP bit.
BSWP is cleared by H_RESET
or S_RESET and is not affected
by STOP bit.
1
RES
Reserved location. The default
value of this bit is a ZERO. Writ-
ing a ONE to this bit has no effect
on device function; If a ONE is
written to this bit, then a ONE will
be read back. Existing drivers
may write a ONE to this bit for
compatibility, but new drivers
should write a ZERO to this bit
and should treat the read value
as undefined.
0
RES
Reserved location. The default
value of this bit is a ZERO. Writ-
ing a ONE to this bit has no effect
on device function. If a ONE is
written to this bit, then a ONE will
be read back. Existing drivers
may write a ONE to this bit for
compatibility, but new drivers
should write a ZERO to this bit
and should treat the read value
as undefined.
CSR4: Test and Features Control
Bit
Name
Description
Certain bits in CSR4 indicate the
cause of an interrupt. The regis-
ter is designed so that these indi-
cator bits are cleared by writing
ONEs to those bit locations. This
means that the software can read
CSR4 and write back the value
just read to clear the interrupt
condition.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15
ENTST
Enable Test Mode operation.
Setting ENTST to ONE enables
internal test functions which are
useful only for stand alone inte-
grated circuit testing. In addition,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com