Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 88 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 88 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 84Page - Advanced Micro Devices AM79C970 Datasheet HTML 85Page - Advanced Micro Devices AM79C970 Datasheet HTML 86Page - Advanced Micro Devices AM79C970 Datasheet HTML 87Page - Advanced Micro Devices AM79C970 Datasheet HTML 88Page - Advanced Micro Devices AM79C970 Datasheet HTML 89Page - Advanced Micro Devices AM79C970 Datasheet HTML 90Page - Advanced Micro Devices AM79C970 Datasheet HTML 91Page - Advanced Micro Devices AM79C970 Datasheet HTML 92Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 168 page
background image
P R E L I M I N A R Y
AMD
1-955
Am79C970
initialization
sequence
has
completed.
INIT is set by writing a “1”. Writing
a “0” has no effect. INIT is cleared
by H_RESET, S_RESET or by
setting the STOP bit.
CSR1: IADR[15:0]
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 IADR[15:0]
Lower 16 bits of the address of
the Initialization Block. Bit loca-
tions 1 and 0 must both be ZERO
to align the initialization block to a
double-word boundary, regard-
less of the value of SSIZE32
(BCR20/CSR58, bit 8).
This register is aliased with
CSR16.
Read/Write
accessible
only
when the STOP bit in CSR0 is
set. Unaffected by H_RESET or
S_RESET or by setting the
STOP bit.
CSR2: IADR[31:16]
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–8
IADR[31:24] If SSIZE32 is set (BCR20, bit 8),
then the IADR[31:24] bits will be
used strictly as the upper 8 bits of
the initialization block address.
However, if SSIZE32 is reset
(BCR20,
bit
8),
then
the
IADR[31:24] bits will be used to
generate the upper 8 bits of all
bus mastering addresses, as re-
quired for a 32 bit address bus.
Note that the 16-bit software
structures
specified
by
the
SSIZE32=0 setting will yield only
24 bits of address for PCnet-PCI
bus master accesses, while the
32-bit hardware for which the
PCnet-PCI controller is intended
will require 32 bits of address.
Therefore,
whenever
SSIZE32=0, the IADR[31:24] bits
will be appended to the 24-bit in-
itialization
address,
to
each
24-bit descriptor base address
and to each beginning
24-bit
buffer address in order to form
complete 32-bit addresses. The
upper 8 bits that exist in the de-
scriptor address registers and
the
buffer
address
registers
which are stored on board the
PCnet-PCI
controller
will
be
overwritten with the IADR[31:24]
value, so that CSR accesses to
these registers will show the 32
bit address that includes the ap-
pended field.
If SSIZE32=1, then software will
provide 32-bit pointer values for
all of the shared software struc-
tures – i.e. descriptor bases and
buffer addresses, and therefore,
IADR[31:24] will not be written to
the upper 8 bits of any of these
resources, but it will be used as
the upper 8 bits of the initializa-
tion address.
This register is aliased with
CSR17.
Read/Write
accessible
only
when the STOP bit in CSR0 is
set. Unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
7–0 IADR[23:16]
Bits 23 through 16 of the address
of the Initialization Block. When-
ever this register is written,
CSR17 is updated with CSR2’s
contents.
Read/Write
accessible
only
when the STOP bit in CSR0 is
set. Unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR3: Interrupt Masks and Deferral Control
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15
RES
Reserved location. Read and
written as ZERO.
14
BABLM
Babble Mask. If BABLM is set,
the BABL bit in CSR0 will be
masked and unable to set INTR
flag in CSR0.
Read/Write accessible always.
BABLM is cleared by H_RESET
or S_RESET and is not affected
by STOP.
13
RES
Reserved location. Read and
written as ZERO.
12
MISSM
Missed Frame Mask. If MISSM is
set, the MISS bit in CSR0 will be
masked and unable to set INTR
flag in CSR0.
Read/Write accessible always.
MISSM is cleared by H_RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com