Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 82Page - Advanced Micro Devices AM79C970 Datasheet HTML 83Page - Advanced Micro Devices AM79C970 Datasheet HTML 84Page - Advanced Micro Devices AM79C970 Datasheet HTML 85Page - Advanced Micro Devices AM79C970 Datasheet HTML 86Page - Advanced Micro Devices AM79C970 Datasheet HTML 87Page - Advanced Micro Devices AM79C970 Datasheet HTML 88Page - Advanced Micro Devices AM79C970 Datasheet HTML 89Page - Advanced Micro Devices AM79C970 Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 168 page
background image
P R E L I M I N A R Y
AMD
1-953
Am79C970
longer than the time required to
send the maximum length frame.
BABL will be set if 1519 bytes or
greater are transmitted.
When BABL is set,
INTA is as-
serted if IENA = 1 and the mask
bit BABLM in CSR3 is clear.
BABL assertion will set the ERR
bit.
BABL is set by the MAC layer and
cleared by writing a “1”. Writing a
“0” has no effect. BABL is cleared
by H_RESET or S_RESET or by
setting the STOP bit.
13
CERR
Collision Error indicates that the
collision inputs to the AUI port
failed to activate within 20 net-
work bit times after the chip ter-
minated
transmission
(SQE
Test). This feature is a trans-
ceiver test feature.
In 10BASE-T mode, CERR will
be set after a transmission if the
T-MAU is in link fail state.
CERR assertion will not result in
an interrupt being generated.
CERR assertion will set the ERR
bit.
CERR is set by the MAC layer
and cleared by writing a “1”. Writ-
ing a “0” has no effect. CERR is
cleared by H_RESET or S_RE-
SET or by setting the STOP bit.
12
MISS
Missed
Frame
is
set
when
PCnet-PCI controller has lost an
incoming receive frame resulting
from a Receive Descriptor not
being available. This bit is the
only immediate indication that re-
ceive data has been lost since
there is no current receive de-
scriptor. Missed Frame Counter
(CSR112) also increments each
time a receive frame is missed.
When MISS is set,
INTA is as-
serted if IENA = 1 and the mask
bit MISSM in CSR3 is clear.
MISS assertion will set the ERR
bit.
MISS is set by the Buffer Man-
agement Unit and cleared by
writing a “1”. Writing a “0” has no
effect. MISS is cleared by H_RE-
SET or S_RESET or by setting
the STOP bit.
11
MERR
Memory Error is set when PCnet-
PCI controller requests the use of
the system interface bus by as-
serting
REQ
and
has
not
received
GNT assertion after a
programmable length of time.
The length of time in microsec-
onds before MERR is asserted
will depend upon the setting of
the
Bus
Timeout
Register
(CSR100). The default setting of
CSR100 will give a MERR after
51.2
microseconds
of
bus
latency.
When MERR is set,
INTA is as-
serted if IENA = 1 and the mask
bit MERRM in CSR3 is clear.
MERR assertion will set the ERR
bit, regardless of the settings of
IENA and MERRM.
MERR is set by the Bus Interface
Unit and cleared by writing a “1”.
Writing a “0” has no effect. MERR
is
cleared
by
H_RESET,
S_RESET or by setting the
STOP bit.
10
RINT
Receive Interrupt. RINT is set by
the Buffer Management Unit of
the PCnet-PCI controller after
the last descriptor of a receive
packet has been updated by writ-
ing a ZERO to the ownership bit.
RINT may also be set when the
first descriptor of a receive pack-
et has been updated by writing a
ZERO to the ownership bit if the
SPRINTEN bit of CSR3 has been
set to a ONE.
When RINT is set,
INTA is as-
serted if IENA = 1 and the mask
bit RINTM in CSR3 is clear.
RINT is cleared by the host by
writing a “1”. Writing a “0” has no
effect.
RINT is cleared by
H_RESET, S_RESET or by set-
ting the STOP bit.
9
TINT
Transmit Interrupt is set after the
OWN bit in the last descriptor of a
transmit frame has been cleared
to indicate the frame has been
sent or an error occurred in the
transmission.
When TINT is set,
INTA is as-
serted if IENA = 1 and the mask
bit TINTM in CSR3 is clear.
TINT is set by the Buffer Man-
agement Unit and cleared by
writing a “1”. Writing a “0” has no
effect.
TINT
is
cleared
by
H_RESET or S_RESET or by
setting the STOP bit.
8
IDON
Initialization Done indicates that
the initialization sequence has



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com