Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 60Page - Advanced Micro Devices AM79C970 Datasheet HTML 61Page - Advanced Micro Devices AM79C970 Datasheet HTML 62Page - Advanced Micro Devices AM79C970 Datasheet HTML 63Page - Advanced Micro Devices AM79C970 Datasheet HTML 64Page - Advanced Micro Devices AM79C970 Datasheet HTML 65Page - Advanced Micro Devices AM79C970 Datasheet HTML 66Page - Advanced Micro Devices AM79C970 Datasheet HTML 67Page - Advanced Micro Devices AM79C970 Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 168 page
background image
P R E L I M I N A R Y
AMD
1-931
Am79C970
The Vendor Specific Word (VSW) is not implemented by
the PCnet-PCI controller. This particular I/O address is
reserved for customer use and will not be used by future
AMD Ethernet controller products.
DWIO I/O Resource Map
When the PCnet-PCI controller I/O space is mapped as
Double Word I/O, then all of the resources that are allot-
ted to the PCnet-PCI controller occur on DWORD
boundaries that are offset from the PCnet-PCI controller
I/O base address as shown in the table below:
No. of
Offset
Bytes
Register
0h
4
APROM
4h
4
APROM
8h
4
APROM
Ch
4
APROM
10h
4
RDP
14h
4
RAP (shared by RDP and BDP)
18h
4
Reset Register
1Ch
4
BDP
When PCnet-PCI I/O space is Double Word mapped, all
I/O resources fall on DWORD boundaries. APROM re-
sources are DWORD quantities in DWIO mode. RDP,
RAP and BDP contain only two bytes of valid data; the
other two bytes of these resources are reserved for fu-
ture use. (Note that CSR88 is an exception to this rule.)
The reserved bits must be written as ZEROs, and when
read, are considered undefined.
Accesses to non-doubleword address boundaries are
not allowed while in DWIO mode. (A write access may
cause unexpected reprogramming of the PCnet-PCI
controller control registers; a read access will yield un-
defined values.)
Accesses of less than 4 bytes to any I/O resource are
not allowed while in DWIO mode. (A write access may
cause unexpected reprogramming of the PCnet-PCI
controller control registers; a read access will yield un-
defined values.)
A DWORD write access to the RDP offset of 10h will
automatically program DWIO mode.
Note that in all cases when I/O resource width is defined
as 32 bits, the upper 16 bits of the I/O resource is re-
served and written as ZEROS and read as undefined,
except for the APROM locations and CSR88.
DWIO mode is exited by asserting the
RST pin. Asser-
tion of S_RESET or setting the STOP bit of CSR0 will
have no effect on the DWIO mode setting.
I/O Space Comments
The following statements apply to both WIO and DWIO
mapping:
The RAP is shared by the RDP and the BDP.
The PCnet-PCI controller does not respond to any ad-
dresses outside of the offset range 0h–17h when DWIO
= 0 or 0h–1Fh when DWIO = 1. I/O offsets 18h through
1Fh are not used by the PCnet-PCI controller when pro-
grammed for DWIO = 0 mode; locations 1Ah through
1Fh are reserved for future AMD use and therefore
should not be implemented by the user if upward com-
patibility to future AMD devices is desired.
Note that APROM accesses do not directly access the
EEPROM, but are redirected to a set of shadow regis-
ters on board the PCnet-PCI controller that contain a
copy of the EEPROM contents that was obtained during
the automatic EEPROM read operation that follows the
H_RESET operation.
PCnet-PCI Controller I/O Base Address
The PCI Configuration Space Base Address register de-
fines what I/O base address the PCnet-PCI controller
uses. This register is typically programmed by the PCI
configuration utility after system power-up. The PCI
configuration utility must also set the IOEN bit in the
COMMAND register to enable I/O accesses to the
PCnet-PCI controller.
The content of the PCnet-PCI I/O Base Address Regis-
ters (BCR16 and BCR17) are ignored.
I/O Register Access
All I/O resources are accessed with similar I/O bus
cycles.
I/O accesses to the PCnet-PCI controller begin with a
valid
FRAME signal, the C/BE[3:0] lines signaling an I/O
read or I/O write operation and an address on the
AD[31:00] lines that falls within the I/O space of the
PCnet-PCI controller. The PCnet-PCI I/O space will be
determined by the Base Address Register in the PCI
Configuration Space.
The PCnet-PCI controller will respond to an access to its
I/O space by asserting the
DEVSEL signal and eventu-
ally, by asserting the
TRDY signal.
Typical I/O access times are 6 or 7 clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com