Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C970 Datasheet HTML 1Page - Advanced Micro Devices AM79C970 Datasheet HTML 2Page - Advanced Micro Devices AM79C970 Datasheet HTML 3Page - Advanced Micro Devices AM79C970 Datasheet HTML 4Page - Advanced Micro Devices AM79C970 Datasheet HTML 5Page - Advanced Micro Devices AM79C970 Datasheet HTML 6Page - Advanced Micro Devices AM79C970 Datasheet HTML 7Page - Advanced Micro Devices AM79C970 Datasheet HTML 8Page - Advanced Micro Devices AM79C970 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 168 page
background image
Publication# 18220
Rev. C
Amendment /0
Issue Date: June 1994
This document contains information on a product under development at Advanced Micro Devices, Inc.
The information is intended to help you to evaluate this product. AMD reserves the right to change or
discontinue work on this proposed product without notice.
1-868
Advanced
Micro
Devices
Am79C970
PCnet
TM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PRELIMINARY
DISTINCTIVE CHARACTERISTICS
s Single-chip Ethernet controller for the Periph-
eral Component Interconnect (PCI) local bus
s Supports ISO 8802-3 (IEEE/ANSI 802.3) and
Ethernet Standards
s Direct interface to the PCI local bus
s Compliant to PCI local bus specification
(Revision 2.0)
s Software compatible with AMD’s Am7990
LANCE, Am79C90 C-LANCE, Am79C960
PCnet-ISA, Am79C961 PCnet-ISA+, Am79C965
PCnet-32, and Am79C900 ILACCTM register and
descriptor architecture
s Compatible with Am2100/Am1500T and Novell®
NE2100/NE1500
driver
software
s High-performance Bus Master architecture with
integrated DMA Buffer Management Unit for
low CPU and bus utilization
s Big endian byte alignment supported
s Single +5 V power supply operation
s Low-power, CMOS design with sleep modes
allows reduced power consumption for critical
battery powered applications and Green PCs
s MicrowireTM EEPROM interface supports
jumperless design
s Individual 136-byte transmit and 128-byte
receive FIFOs provide frame buffering for
increased system latency, and support the
following features:
— Automatic retransmission with no FIFO
reload
— Automatic receive stripping and transmit
padding (individually programmable)
— Automatic runt packet rejection
— Automatic deletion of received collision frames
s Look-Ahead Packet Processing (LAPP)
concept allows protocol analysis to begin
before end of receive frame
s Integrated Manchester Encoder/Decoder
s Provides integrated Attachment Unit Interface
(AUI) and 10BASE-T transceiver with automatic
port selection
s Automatic Twisted-Pair receive polarity detec-
tion and automatic correction of the receive
polarity
s Optional byte padding to long-word boundary
on receive
s Dynamic transmit FCS generation programma-
ble on a frame-by-frame basis
s Internal/external loopback capabilities
s Supports the following types of network
interfaces:
— AUI to external 10BASE2, 10BASE5,10BASE-T
or 10BASE-F MAU
— Internal 10BASE-T transceiver with Smart
Squelch to Twisted-Pair medium
s NAND Tree test mode for connectivity testing
on printed circuit boards
s 132-pin PQFP package
GENERAL DESCRIPTION
The PCnet-PCI single-chip 32-bit Ethernet controller is
a highly integrated Ethernet system solution designed to
address high-performance system application require-
ments. It is a flexible bus-mastering device that can be
used in any application, including network-ready PCs,
printers, fax modems, and bridge/router designs. The
bus-master architecture provides high data throughput
in the system and low CPU and system bus utilization.
The PCnet-PCI controller is fabricated with AMD’s ad-
vanced low-power CMOS process to provide low oper-
ating
and
standby
current
for
power
sensitive
applications.
The PCnet-PCI controller is a complete Ethernet node
integrated into a single VLSI device. It contains a bus in-
terface unit, a DMA buffer management unit, an IEEE
802.3-defined Media Access Control (MAC) function, in-
dividual 136-byte transmit and 128-byte receive FIFOs,
an IEEE 802.3-defined Attachment Unit Interface (AUI)
and Twisted-Pair Transceiver Media Attachment Unit
(10BASE-T MAU), and a Microwire EEPROM interface.
The PCnet-PCI controller is also register compatible
with the LANCE (Am7990) Ethernet controller, the
C-LANCE (Am79C90) Ethernet controller, the ILACC
(Am79C900) Ethernet controller, and all Ethernet


Similar Part No. - AM79C970

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C970 PULSE-AM79C970 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKC AMD-AM79C970AKC Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AKCW AMD-AM79C970AKCW Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C970AVCW AMD-AM79C970AVCW Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
More results

Similar Description - AM79C970

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6953 NSC-LMC6953 Datasheet
218Kb / 12P
PCI Local Bus Power Supervisor
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
PCnetTM-ISA Single-Chip Ethernet Controller
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
AM79C974 AMD-AM79C974 Datasheet
838Kb / 153P
PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems
logo
SMSC Corporation
LAN91C96I SMSC-LAN91C96I Datasheet
655Kb / 110P
NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
Non-PCI Single-Chip Full Duplex Ethernet Controller
logo
Advanced Micro Devices
AM79C961 AMD-AM79C961 Datasheet
1Mb / 173P
PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
logo
Texas Instruments
LMC6953 TI1-LMC6953 Datasheet
944Kb / 19P
LMC6953 PCI Local Bus Power Supervisor
logo
List of Unclassifed Man...
21140 ETC-21140 Datasheet
1Mb / 43P
Otffers a single-chip Fast Bthernet controller for PCI local bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com