Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970 Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 78Page - Advanced Micro Devices AM79C970 Datasheet HTML 79Page - Advanced Micro Devices AM79C970 Datasheet HTML 80Page - Advanced Micro Devices AM79C970 Datasheet HTML 81Page - Advanced Micro Devices AM79C970 Datasheet HTML 82Page - Advanced Micro Devices AM79C970 Datasheet HTML 83Page - Advanced Micro Devices AM79C970 Datasheet HTML 84Page - Advanced Micro Devices AM79C970 Datasheet HTML 85Page - Advanced Micro Devices AM79C970 Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 168 page
background image
P R E L I M I N A R Y
AMD
1-949
Am79C970
Command Register (offset 04h)
The Command register is a 16-bit register used to con-
trol the gross functionality of the PCnet-PCI controller. It
controls the PCnet-PCI controller’s ability to generate
and respond to PCI bus cycles. To logically disconnect
the PCnet-PCI device from all PCI bus cycles except
Configuration cycles, a value of ZERO should be written
to this register.
The Command register is located at offset 04h in the PCI
Configuration Space. It is read and written by the host.
15-10
RES
Reserved locations. Read as
ZERO, write operations have no
effect.
9
FBTBEN
Fast Back-to-Back enable. Read
as ZERO, write operations have
no effect. The PCnet-PCI con-
troller will not generate Fast
Back-to-Back cycles.
8
SERREN
SERR enable. Controls the as-
sertion of the
SERR pin. SERR is
disabled
when
SERREN
is
cleared.
SERR will be asserted
on detection of an address parity
error and if both, SERREN and
PERREN (bit 6 of this register)
are set.
SERREN is cleared by H_RE-
SET and is not effected by
S_RESET
or
asserting
the
SLEEP pin.
7
ADSTEP
Address/data stepping. Read as
ONE, write operations have no
effect. The PCnet-PCI controller
uses address stepping for the
first address phase of each bus
master period.
FRAME will be
asserted on the second CLK fol-
lowing the assertion of
GNT indi-
cating a valid address on the
AD bus.
6
PERREN
Parity Error Response enable.
Enables the parity error re-
sponse functions. When PER-
REN is ‘0’ and the PCnet-PCI
controller detects a parity error, it
only sets the Detected Parity Er-
ror bit in the Status register.
When PERREN is ‘1’, the PCnet-
PCI controller asserts
PERR on
the detection of a data parity er-
ror. It also sets the DATAPERR
bit (bit 8 in the Status register),
when the data parity error oc-
curred during a master cycle.
PERREN also enables reporting
address parity errors through the
SERR pin and the SERR bit in
the Status register.
PERREN
is
cleared
by
H_RESET and is not effected by
S_RESET
or
asserting
the
SLEEP pin.
5
VGASNOOP
VGA palette snoop. Read as
ZERO, write operations have no
effect.
4
MWIEN
Memory Write and Invalidate Cy-
cle enable. Read as ZERO, write
operations have no effect. The
PCnet-PCI controller only gener-
ates Memory Write cycles.
3
SCYCEN
Special Cycle enable. Read as
ZERO, write operations have no
effect. The PCnet-PCI controller
ignores
all
Special
Cycle
operations.
2
BMEN
Bus
Master
enable.
Setting
BMEN enables the PCnet-PCI
controller to become a bus mas-
ter on the PCI bus. The host must
set BMEN before setting the INIT
bit in CSR0 of the PCnet-PCI
controller. (Setting INIT causes
the PCnet-PCI controller to start
its first bus master operation,
which is reading in the initializa-
tion block.)
BMEN is cleared by H_RESET
and is not effected by S_RESET
or asserting the
SLEEP pin.
1
MEMEN
Memory Space access enable.
Read as ZERO, write operations
have no effect. The PCnet-PCI
controller
has
no
memory
mapped resources.
0
IOEN
I/O Space access enable. The
PCnet-PCI controller will ignore
all I/O accesses when IOEN is
cleared. The host must set IOEN
before the first I/O access to the
device. The Base Address regis-
ter at offset 10h must be pro-
grammed
with
a
valid
I/O
address before setting IOEN.
IOEN is cleared by H_RESET
and is not effected by S_RESET
or asserting the
SLEEP pin.
Status Register (Offset 06h)
The Status register is a 16-bit register that contains
status information for the PCI bus related events. It is lo-
cated at offset 06h in the PCI Configuration Space.
15
PERR
Parity Error. PERR is set when
the PCnet-PCI controller detects
a parity error.
The PCnet-PCI controller sam-
ples the AD[31:00], C/
BE[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com